Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 268 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 268 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 264Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 265Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 266Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 267Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 268Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 269Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 270Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 271Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 272Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 437 page
background image
Peripherals
Register
Offset
Description
PSEL.MOSI
0x510
Pin select for MOSI signal
PSEL.CSN
0x514
Pin select for CSN signal
PSELSCK
0x508
Pin select for SCK
Deprecated
PSELMISO
0x50C
Pin select for MISO
Deprecated
PSELMOSI
0x510
Pin select for MOSI
Deprecated
PSELCSN
0x514
Pin select for CSN
Deprecated
RXDPTR
0x534
RXD data pointer
Deprecated
MAXRX
0x538
Maximum number of bytes in receive buffer
Deprecated
AMOUNTRX
0x53C
Number of bytes received in last granted transaction
Deprecated
RXD.PTR
0x534
RXD data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in receive buffer
RXD.AMOUNT
0x53C
Number of bytes received in last granted transaction
RXD.LIST
0x540
EasyDMA list type
TXDPTR
0x544
TXD data pointer
Deprecated
MAXTX
0x548
Maximum number of bytes in transmit buffer
Deprecated
AMOUNTTX
0x54C
Number of bytes transmitted in last granted transaction
Deprecated
TXD.PTR
0x544
TXD data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in transmit buffer
TXD.AMOUNT
0x54C
Number of bytes transmitted in last granted transaction
TXD.LIST
0x550
EasyDMA list type
CONFIG
0x554
Configuration register
DEF
0x55C
Default character. Character clocked out in case of an ignored transaction.
ORC
0x5C0
Over-read character
Table 84: Register overview
6.17.5.1 TASKS_ACQUIRE
Address offset: 0x024
Acquire SPI semaphore
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_ACQUIRE
Acquire SPI semaphore
Trigger
1
Trigger task
6.17.5.2 TASKS_RELEASE
Address offset: 0x028
Release SPI semaphore, enabling the SPI slave to acquire it
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_RELEASE
Release SPI semaphore, enabling the SPI slave to acquire it
Trigger
1
Trigger task
4463_156 v1.0
268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com