Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 307 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 307 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 303Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 304Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 305Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 306Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 307Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 308Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 309Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 310Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 311Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 437 page
background image
Peripherals
SDA
RXD-1
TXD+1
EasyDMA
EasyDMA
RXD.PTR
TXD.PTR
buffer[0]
buffer[1]
buffer[RXD.MAXCNT-1]
RAM
buffer[0]
buffer[1]
buffer[TXD.MAXCNT-1]
Pin
PSEL.SDA
GPIO
PSEL.SCL
Pin
TWIM
TXD buffer
RXD buffer
SCL
Figure 113: TWI master with EasyDMA
A typical TWI setup consists of one master and one or more slaves. For an example, see the following
figure. This TWIM is only able to operate as a single master on the TWI bus. Multi-master bus
configuration is not supported.
TWI master
(TWIM)
TWI slave
(Sensor)
Address = b1011000
TWI slave
Address = b1011011
SCL
SCL
TWI slave
(EEPROM)
Address = b1011001
SCL
R
VDD
R
VDD
SDA
SDA
SDA
SCL
SDA
Figure 114: A typical TWI setup comprising one master and three slaves
This TWI master supports clock stretching performed by the slaves. The SCK pulse following a stretched
clock cycle may be shorter than specified by the I2C specification.
The TWI master is started by triggering the STARTTX or STARTRX tasks, and stopped by triggering the STOP
task. The TWI master will generate a STOPPED event when it has stopped following a STOP task.
After the TWI master is started, the STARTTX or STARTRX tasks should not be triggered again until the TWI
master has issued a LASTRX, LASTTX, or STOPPED event.
The TWI master can be suspended using the SUSPEND task, this can be used when using the TWI master
in a low priority interrupt context. When the TWIM enters suspend state, will automatically issue a
SUSPENDED event while performing a continuous clock stretching until it is instructed to resume operation
via a RESUME task. The TWI master cannot be stopped while it is suspended, thus the STOP task has to be
issued after the TWI master has been resumed.
Note: Any ongoing byte transfer will be allowed to complete before the suspend is enforced. A
SUSPEND task has no effect unless the TWI master is actively involved in a transfer.
If a NACK is clocked in from the slave, the TWI master will generate an ERROR event.
4463_156 v1.0
307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com