Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 310 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 310 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 306Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 307Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 308Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 309Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 310Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 311Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 312Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 313Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 314Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 437 page
background image
Peripherals
1
3
2
ADDR
0
M-1
M
2
4
Stretch
1
Figure 116: The TWI master reading data from a slave
6.22.4 Master repeated start sequence
A typical repeated start sequence is one in which the TWI master writes two bytes to the slave followed by
reading four bytes from the slave. This example uses shortcuts to perform the simplest type of repeated
start sequence, i.e. one write followed by one read. The same approach can be used to perform a
repeated start sequence where the sequence is read followed by write.
The following figure shows an example of a repeated start sequence where the TWI master writes two
bytes followed by reading four bytes from the slave.
1
ADDR
0
3
2
ADDR
0
1
1
2
Figure 117: Master repeated start sequence
If a more complex repeated start sequence is needed, and the TWI firmware drive is serviced in a low
priority interrupt, it may be necessary to use the SUSPEND task and SUSPENDED event to guarantee that
the correct tasks are generated at the correct time. A double repeated start sequence using the SUSPEND
task to secure safe operation in low priority interrupts is shown in the following figure.
4463_156 v1.0
310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com