Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 340 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 340 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 336Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 337Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 338Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 339Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 340Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 341Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 342Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 343Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 344Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 437 page
background image
Peripherals
Figure 127: TWIS timing diagram, 1 byte transaction
6.24 UART — Universal asynchronous receiver/
transmitter
RXDRDY
TXD
(signal)
RXD-3
TXD
PSEL.CTS
PSEL.TXD
TXDRDY
PSEL.RTS
PSEL.RXD
RXD
(signal)
RXD-2
RXD-1
RXD
RXD-4
RXD-5
STARTRX
STOPRX
RXTO
STARTTX
STOPTX
Figure 128: UART configuration
6.24.1 Functional description
Listed here are the main features of UART.
The UART implements support for the following features:
• Full-duplex operation
• Automatic flow control
• Parity checking and generation for the 9th data bit
As illustrated in UART configuration on page 340, the UART uses the TXD and RXD registers directly to
transmit and receive data. The UART uses one stop bit.
Note: The external crystal oscillator must be enabled to obtain sufficient clock accuracy for stable
communication. See CLOCK — Clock control on page 69 for more information.
6.24.2 Pin configuration
The different signals RXD, CTS (Clear To Send, active low), RTS (Request To Send, active low), and TXD
associated with the UART are mapped to physical pins according to the configuration specified in the
PSEL.RXD, PSEL.CTS, PSEL.RTS, and PSEL.TXD registers respectively.
If the CONNECT field of a PSEL.xxx register is set to Disconnected, the associated UART signal will not
be connected to any physical pin. The PSEL.RXD, PSEL.CTS, PSEL.RTS, and PSEL.TXD registers and their
configurations are only used as long as the UART is enabled, and retained only for the duration the device
is in ON mode. PSEL.RXD, PSEL.CTS, PSEL.RTS, and PSEL.TXD must only be configured when the UART is
disabled.
4463_156 v1.0
340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com