Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 342 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 342 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 338Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 339Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 340Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 341Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 342Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 343Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 344Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 345Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 346Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 437 page
background image
Peripherals
6.24.5 Reception
A UART reception sequence is started by triggering the STARTRX task.
The UART receiver chain implements a FIFO capable of storing six incoming RXD bytes before data is
overwritten. Bytes are extracted from this FIFO by reading the RXD register. When a byte is extracted from
the FIFO, a new byte pending in the FIFO will be moved to the RXD register. The UART will generate an
RXDRDY event every time a new byte is moved to the RXD register.
When flow control is enabled, the UART will deactivate the RTS signal when there is only space for four
more bytes in the receiver FIFO. The counterpart transmitter is therefore able to send up to four bytes
after the RTS signal is deactivated before data is being overwritten. To prevent overwriting data in the
FIFO, the counterpart UART transmitter must therefore make sure to stop transmitting data within four
bytes after the RTS line is deactivated.
The RTS signal will first be activated again when the FIFO has been emptied, that is, when all bytes in the
FIFO have been read by the CPU, see UART reception on page 342.
The RTS signal will also be deactivated when the receiver is stopped through the STOPRX task as illustrated
in UART reception on page 342. The UART is able to receive four to five additional bytes if they are sent
in succession immediately after the RTS signal has been deactivated. This is possible because the UART is,
even after the STOPRX task is triggered, able to receive bytes for an extended period of time dependent
on the configured baud rate. The UART will generate a receiver timeout event (RXTO) when this period has
elapsed.
To prevent loss of incoming data, the RXD register must only be read one time following every RXDRDY
event.
To secure that the CPU can detect all incoming RXDRDY events through the RXDRDY event register, the
RXDRDY event register must be cleared before the RXD register is read. The reason for this is that the
UART is allowed to write a new byte to the RXD register, and can generate a new event immediately after
the RXD register is read (emptied) by the CPU.
1
2 3
A
B
C
M-2
M-1
5
6
M
7
4 5 6 7
F
Figure 130: UART reception
As indicated in occurrence 2 in the figure, the RXDRDY event associated with byte B is generated first after
byte A has been extracted from RXD.
6.24.6 Suspending the UART
The UART can be suspended by triggering the SUSPEND task.
SUSPEND will affect both the UART receiver and the UART transmitter, i.e. the transmitter will stop
transmitting and the receiver will stop receiving. UART transmission and reception can be resumed, after
being suspended, by triggering STARTTX and STARTRX respectively.
Following a SUSPEND task, an ongoing TXD byte transmission will be completed before the UART is
suspended.
4463_156 v1.0
342



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com