Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 351 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 351 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 347Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 348Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 349Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 350Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 351Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 352Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 353Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 354Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 355Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TXD
TX data to be transferred
6.24.10.23 BAUDRATE
Address offset: 0x524
Baud rate. Accuracy depends on the HFCLK source selected.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x04000000
0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW BAUDRATE
Baud rate
Baud1200
0x0004F000
1200 baud (actual rate: 1205)
Baud2400
0x0009D000
2400 baud (actual rate: 2396)
Baud4800
0x0013B000
4800 baud (actual rate: 4808)
Baud9600
0x00275000
9600 baud (actual rate: 9598)
Baud14400
0x003B0000
14400 baud (actual rate: 14414)
Baud19200
0x004EA000
19200 baud (actual rate: 19208)
Baud28800
0x0075F000
28800 baud (actual rate: 28829)
Baud31250
0x00800000
31250 baud
Baud38400
0x009D5000
38400 baud (actual rate: 38462)
Baud56000
0x00E50000
56000 baud (actual rate: 55944)
Baud57600
0x00EBF000
57600 baud (actual rate: 57762)
Baud76800
0x013A9000
76800 baud (actual rate: 76923)
Baud115200
0x01D7E000
115200 baud (actual rate: 115942)
Baud230400
0x03AFB000
230400 baud (actual rate: 231884)
Baud250000
0x04000000
250000 baud
Baud460800
0x075F7000
460800 baud (actual rate: 470588)
Baud921600
0x0EBED000
921600 baud (actual rate: 941176)
Baud1M
0x10000000
1Mega baud
6.24.10.24 CONFIG
Address offset: 0x56C
Configuration of parity and hardware flow control
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D
C B B B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW HWFC
Hardware flow control
Disabled
0
Disabled
Enabled
1
Enabled
B
RW PARITY
Parity
Excluded
0x0
Exclude parity bit
Included
0x7
Include parity bit
C
RW STOP
Stop bits
One
0
One stop bit
Two
1
Two stop bits
4463_156 v1.0
351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com