Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 352 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 352 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 348Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 349Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 350Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 351Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 352Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 353Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 354Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 355Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 356Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D
C B B B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
D
RW PARITYTYPE
Even or odd parity type
Even
0
Even parity
Odd
1
Odd parity
6.24.11 Electrical specification
6.24.11.1 UART electrical specification
Symbol
Description
Min.
Typ.
Max.
Units
fUART
Baud rate for UART31.
1000
kbps
tUART,CTSH
CTS high time
1
µs
tUART,START
Time from STARTRX/STARTTX task to transmission started
1
µs
6.25 UARTE — Universal asynchronous receiver/
transmitter with EasyDMA
The Universal asynchronous receiver/transmitter with EasyDMA (UARTE) offers fast, full-duplex,
asynchronous serial communication with built-in flow control (CTS, RTS) support in hardware at a rate up
to 1 Mbps, and EasyDMA data transfer from/to RAM.
Listed here are the main features for UARTE:
• Full-duplex operation
• Automatic hardware flow control
• Optional even parity bit checking and generation
• EasyDMA
• Up to 1 Mbps baudrate
• Return to IDLE between transactions supported (when using HW flow control)
• One or two stop bit
• Least significant bit (LSB) first
TXD
(signal)
PSELCTS
PSELTXD
PSELRTS
PSELRXD
RXD
(signal)
STARTRX
STOPRX
RXTO
STARTTX
STOPTX
EasyDMA
EasyDMA
RAM
RXD+2
RXD+n
RXD+1
RXD
TXD+2
TXD+n
TXD+1
TXD
RXD.PTR
TXD.PTR
ENDRX
SUSPEND
RESUME
CTS
NCTS
ENDTX
RX
FIFO
Figure 131: UARTE configuration
31 High baud rates may require GPIOs to be set as High Drive, see GPIO for more details.
4463_156 v1.0
352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com