Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 150Page - Renesas Technology Corp 7220 Datasheet HTML 151Page - Renesas Technology Corp 7220 Datasheet HTML 152Page - Renesas Technology Corp 7220 Datasheet HTML 153Page - Renesas Technology Corp 7220 Datasheet HTML 154Page - Renesas Technology Corp 7220 Datasheet HTML 155Page - Renesas Technology Corp 7220 Datasheet HTML 156Page - Renesas Technology Corp 7220 Datasheet HTML 157Page - Renesas Technology Corp 7220 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 303 page
background image
M37220M3-XXXSP/FP
4.5 Functional description
7220 Group User’s Manual
4-16
Fig. 4.5.6 Interrupt control register 1 (address 00FE16)
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register 1 (ICON1) [Address 00FE16]
B
Name
Functions
After reset RW
Interrupt Control Register 1
0
Timer 1 interrupt
enable bit (TM1E)
0 : Interrupt disabled
1 : Interrupt enabled
0
1
Timer 2 interrupt
enable bit (TM2E)
0
2
Timer 3 interrupt
enable bit (TM3E)
0
3
Timer 4 interrupt
enable bit (TM4E)
0
4
CRT interrupt enable
bit (CRTE)
0
5
VSYNC interrupt
enable bit (VSCE)
0
6
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
0
0
7
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
INT3 interrupt
enable bit (IT3E)
0 : Interrupt disabled
1 : Interrupt enabled
RW
RW
RW
RW
RW
RW
R—
RW
Fig. 4.5.5 Interrupt request register 1 (address 00FC16)
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 1 (IREQ1) [Address 00FC
B
Name
Functions
After reset RW
Interrupt Request Register 1
0
0 : No interrupt request issued
1 : Interrupt request issued
Timer 1 interrupt
request bit
(TM1R)
1
Timer 2 interrupt
request bit
(TM2R)
2
Timer 3 interrupt
request bit
(TM3R)
3
Timer 4 interrupt
request bit
(TM4R)
4
CRT interrupt
request bit
(CRTR)
5VSYNC interrupt
request bit
(VSCR)
6
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
7
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
0
0
V
0
V
0
V
0
V
0
V
0
V
V: “0” can be set by software, but “1” cannot be set.
INT3 interrupt
request bit
(IT3R)
0 : No interrupt request issued
1 : Interrupt request issued
V
16
]
R
R
R
R
R
R
—
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com