Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 152Page - Renesas Technology Corp 7220 Datasheet HTML 153Page - Renesas Technology Corp 7220 Datasheet HTML 154Page - Renesas Technology Corp 7220 Datasheet HTML 155Page - Renesas Technology Corp 7220 Datasheet HTML 156Page - Renesas Technology Corp 7220 Datasheet HTML 157Page - Renesas Technology Corp 7220 Datasheet HTML 158Page - Renesas Technology Corp 7220 Datasheet HTML 159Page - Renesas Technology Corp 7220 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 303 page
background image
M37220M3-XXXSP/FP
4.5 Functional description
7220 Group User’s Manual
4-18
Fig. 4.5.8 DA n conversion register (addresses 00DE16 and 00DF16)
Fig. 4.5.9 Port P3 output mode control register (address 00CD16)
b7 b6 b5 b4 b3 b2 b1 b0
DA n conversion register (DAn) (n = 1 and 2) [Address 00DE16, 00DF16]
B
After reset
R W
DA n Conversion Register
0
to
5
6
Indeterminate
0
Name
Functions
DA conversion set
bits
(DAn0–DAn5)
b0
b1
b2
b3
b4
b5
Fix this bit to “0.”
1
0000
00
0000
0
0
0000
0
0
111
1
1
1111
1
1
1111
11
: 1/64Vcc
: 2/64Vcc
: 61/64Vcc
: 62/64Vcc
: 63/64Vcc
: 0/64Vcc
7
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “ 0.”
RW
R—
R—
0
b7 b6 b5 b4 b3 b2 b1 b0
Port P3 output mode control register (P3S) [address 00CD16]
B
Name
Functions
After reset R W
Port P3 Output Mode Control Register
0
0 : CMOS output
1 : N-channel open-drain output
0
1
0
0
4
to
7
0
P30 output structure
selection bit (P30S)
P31 output structure
selection bit (P31S)
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
0 : CMOS output
1 : N-channel open-drain output
2
DA1 output enable bit
(DA1S)
0 : P30 input/output
1 : DA1 output
0
3
DA2 output enable bit
(DA2S)
0 : P31 input/output
1 : DA2 output
RW
RW
RW
RW
R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com