Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 151Page - Renesas Technology Corp 7220 Datasheet HTML 152Page - Renesas Technology Corp 7220 Datasheet HTML 153Page - Renesas Technology Corp 7220 Datasheet HTML 154Page - Renesas Technology Corp 7220 Datasheet HTML 155Page - Renesas Technology Corp 7220 Datasheet HTML 156Page - Renesas Technology Corp 7220 Datasheet HTML 157Page - Renesas Technology Corp 7220 Datasheet HTML 158Page - Renesas Technology Corp 7220 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 303 page
background image
M37220M3-XXXSP/FP
4.5 Functional description
4-17
7220 Group User’s Manual
D-A conversion is performed by setting the value in
the DA conversion register. The result of D-A
conversion is output from the DA pin by setting “1”
to the DA output enable bit of the port P3 output
mode control register (bits 2 and 3 at address 00CD16).
The output analog voltage V is determined with the
value n (n: decimal number) in the DA conversion
register.
V=VCC !
(n= 0 to 63)
The DA output does not build in a buffer, so connect
an external buffer when driving a low-impedance
load.
Table 4.5.4 Relationship between contents of D-A conversion
register and output voltage “V”
bit 5
0
0
0
:
1
1
1
bit 4
0
0
0
:
1
1
1
bit 3
0
0
0
:
1
1
1
bit 1
0
0
1
:
0
1
1
A-D control register
bit 0
0
1
0
:
1
0
1
bit 2
0
0
0
:
1
1
1
Output
voltage “V”
0/64 VCC
1/64 VCC
2/64 VCC
:
61/64 VCC
62/64 VCC
63/64 VCC
4.5.5 D-A converter
M37220M3-XXXSP/FP has 2 D-A converter with 6-bit resolution. Figure 4.5.7 shows the D-A converter
block diagram.
Fig. 4.5.7 D-A converter block diagram
Data bus
DA1 output enable bit
Resistor ladder
DA1 conversion register
P30/A-D5/DA1
(address 00DE16)
6
P31/A-D6/DA2
6
Resistor ladder
DA2 conversion register
(address 00DF16)
DA2 output enable bit
n
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com