Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 220Page - Renesas Technology Corp 7220 Datasheet HTML 221Page - Renesas Technology Corp 7220 Datasheet HTML 222Page - Renesas Technology Corp 7220 Datasheet HTML 223Page - Renesas Technology Corp 7220 Datasheet HTML 224Page - Renesas Technology Corp 7220 Datasheet HTML 225Page - Renesas Technology Corp 7220 Datasheet HTML 226Page - Renesas Technology Corp 7220 Datasheet HTML 227Page - Renesas Technology Corp 7220 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 303 page
background image
7220 Group User’s Manual
APPENDIX
6.3 Notes on use
6-5
6.3.2 Notes on decimal operation
(1)
How to execute arithmetic operation
instructions in decimal operation mode
To calculate in decimal notation, set the decimal
operation mode flag (D) to “1” by using the
SED instruction, and execute the ADC and
SBC instructions. After that, execute at least
one instruction to execute the SEC, CLC, or
CLD instruction.
(2)
Status flags in decimal operation mode
When the ADC or SBC instruction are executed
in decimal operation mode (D flag = “1”), the
N, V, and Z flags are invalid.
The carry flag (C) is set to “1” when a carry
occurs as a result of an arithmetic operation,
or is cleared to “0” when a borrow occurs.
Therefore, the carry flag can be used to
determine whether a carry or a borrow has
occurred or not. Be sure to initialize the C
flag before each arithmetic operation.
6.3.3 Notes on Interrupts
(1) Executing BBC or BBS instruction
When executing the BBC or BBS instruction
to an interrupt request bit immediately after
this bit is set to “0” by using a data transfer
instructionV1, execute one or more instructions
before executing the BBC or BBS instruction.
Reason
If the BBC or BBS instruction is executed
immediately after an interrupt request bit of
an interrupt request register is cleared to “0,”
the value of the interrupt request bit before
being cleared to “0” is read.
V1: data transfer instructions: LDM, LDA, STA,
STX, and STY instructions
Clear the interrupt request (request distinguish)
bit to “0” (no interrupt issued)
NOP (one or more instructions)
Execute BBC or BBS instruction
Fig. 6.3.5 Execution of BBC or BBS instruction
Fig. 6.3.4 Note in decimal arithmetic operation
Set the decimal mode flag D
to “1”
Execute ADC or SBC instruction
Execute NOP instruction
Execute SEC, CLC, or CLD instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com