Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 224Page - Renesas Technology Corp 7220 Datasheet HTML 225Page - Renesas Technology Corp 7220 Datasheet HTML 226Page - Renesas Technology Corp 7220 Datasheet HTML 227Page - Renesas Technology Corp 7220 Datasheet HTML 228Page - Renesas Technology Corp 7220 Datasheet HTML 229Page - Renesas Technology Corp 7220 Datasheet HTML 230Page - Renesas Technology Corp 7220 Datasheet HTML 231Page - Renesas Technology Corp 7220 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 303 page
background image
7220 Group User’s Manual
APPENDIX
6.3 Notes on use
6-9
6.3.8 Notes on input and output pins
(1)
Fix of a port input level in stand-by state
In stand-by stateV2 for low-power dissipation, do not make input levels of an input port and an I/O
port “undefined,” especially for I/O ports of the P-channel and the N-channel open-drain.
Pull-up (connect the port to VCC) or pull-down (connect the port to VSS) these ports through a resistor.
When determining a resistance value, note the following points:
qExternal circuit
qVariation of output levels during the ordinary operation
When using built-in pull-up or pull-down resistor, note on varied current values.
qWhen setting as an input port : fix its input level
qWhen setting as an output port : prevent current from flowing out to external
Reason
Even when setting as an output port with its direction register, in the following state :
qN-channel......when the content of the port latch is “1”
the transistor becomes the OFF state, which causes the ports to be the high-impedance state. Note
that the level becomes “undefined” depending on external circuits.
Accordingly, the potential which is input to the input buffer in a microcomputer is unstable in the
state that input levels of a input port and an I/O port are “undefined.” This may cause power source
current.
V2 stand-by state : the stop mode by executing the STP instruction
the wait mode by executing the WIT instruction
(2)
Modify of the contents of I/O port latch
When the port latch of an I/O port is modified with the bit managing instructionV3, the value of the
unspecified bit may be changed.
Reason
The bit managing instructionsV3 are read-modify-write form instructions for reading and writing data
by a byte unit. Accordingly, when these instructions are executed on a bit of the data register of an
I/O port, the following is executed to all bits of the data register.
qAs for a bit which is set for an input port :
The pin state is read in the CPU, and is written to this bit after bit managing.
qAs for a bit which is set for an output port :
The bit value is read in the CPU, and is written to this bit after bit managing.
Note the following :
qEven when a port which is set as an output port is changed for an input port, its data register holds
the output data.
qAs for a bit of which is set for an input port, its value may be changed even when not specified
with a bit managing instruction in case where the pin state differs from its data register contents
V3 bit managing instructions : SEB, and CLB instruction
6.3.9 Note on JMP instruction
When using the JMP instruction (the indirect addressing mode), do not specify the last address in a page
as an indirect address.
Memory (addresses 000016 to FFFF16) is separated into pages (by each 256 address).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com