Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 225Page - Renesas Technology Corp 7220 Datasheet HTML 226Page - Renesas Technology Corp 7220 Datasheet HTML 227Page - Renesas Technology Corp 7220 Datasheet HTML 228Page - Renesas Technology Corp 7220 Datasheet HTML 229Page - Renesas Technology Corp 7220 Datasheet HTML 230Page - Renesas Technology Corp 7220 Datasheet HTML 231Page - Renesas Technology Corp 7220 Datasheet HTML 232Page - Renesas Technology Corp 7220 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 303 page
background image
APPENDIX
6.3 Notes on use
7220 Group User’s Manual
6-10
6.3.10 Note on multi-master I2C-BUS interface
This function is used at f(XIN) = 8.0 MHz of oscillation frequency.
6.3.11 Termination of unused pins
(1)
Proper termination of unused pins
s Output ports : Open
s Input ports :
Connect each pin to VCC or VSS through each resistor of 1 kW to 10 kW.
Ports that permit the selecting of a built-in pull-up or pull-down resistor can also use this resistor.
As for pins whose potential affects to operation modes such as pins CNVSS, INT or others, select
the VCC pin or the VSS pin according to their operation mode.
s I/O ports :
•Set the I/O ports for the input mode and connect them to VCC or VSS through each resistor of
1 k
Ω to 10 kΩ. Set the I/O ports for the output mode and open them at “L” or “H.”
•When opening them in the output mode, the input mode of the initial status remains until the mode
of the ports is switched over to the output mode by the program after reset. Thus, the potential
at these pins is undefined and the power source current may increase in the input mode. With
regard to an effects on the system, thoroughly perform system evaluation on the user side.
•Since the direction register setup may be changed because of a program runaway or noise, set
direction registers by program periodically to increase the reliability.
(2)
Incorrect termination of unused pins
s input ports and I/O ports :
Do not open in the input mode.
Reason
•The power supply current may increase depending on the first-stage circuit.
•An effect due to noise may be easily produced as compared with proper termination (1).
shown on the above.
s I/O ports :
Set for input mode and do not connect to VCC or VSS directly.
Reason
If the direction register setup changes for the output mode because of a program runaway or
noise, a short circuit may occur between a port and VCC (or VSS).
s I/O ports :
Set for the input mode and do not connect multiple ports in a lump to VCC or VSS through a resistor.
Reason
If the direction register setup changes for the output mode because of a program runaway or
noise, a short circuit may occur between ports.
(3)
At the termination of unused pins, perform wiring at the shortest possible distance (20 mm or
less) from microcomputer pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com