Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 228Page - Renesas Technology Corp 7220 Datasheet HTML 229Page - Renesas Technology Corp 7220 Datasheet HTML 230Page - Renesas Technology Corp 7220 Datasheet HTML 231Page - Renesas Technology Corp 7220 Datasheet HTML 232Page - Renesas Technology Corp 7220 Datasheet HTML 233Page - Renesas Technology Corp 7220 Datasheet HTML 234Page - Renesas Technology Corp 7220 Datasheet HTML 235Page - Renesas Technology Corp 7220 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 303 page
background image
7220 Group User’s Manual
APPENDIX
6.4 Countermeasures against noise
6-13
6.4.2 Connection of a bypass capacitor across
VSS line and VCC line
Connect an approximately 0.1
µF bypass capacitor
across the VSS line and the VCC line as follows:
qConnect a bypass capacitor across the VSS pin
and the VCC pin at equal length.
qConnect a bypass capacitor across the VSS pin
and the VCC pin with the shortest possible wiring.
qUse lines with a larger diameter than other signal
lines for VSS line and VCC line.
6.4.3 Wiring to analog input pins
qConnect an approximately 100
Ω to 1 kΩ resistor
to an analog signal line which is connected to an
analog input pin in series. Besides, connect the
resistor to the microcomputer as close as possible.
qConnect an approximately 1000 pF capacitor across
the VSS pin and the analog input pin. Besides,
connect the capacitor to the VSS pin as close as
possible. Also, connect the capacitor across the
analog input pin and the VSS pin at equal length.
Reason
Signals which is input in an analog input pin (such
as an A-D converter/comparator input pin) are usually
output signals from sensor. The sensor which detects
a change of event is installed far from the printed
circuit board with a microcomputer, the wiring to an
analog input pin is longer necessarily. This long
wiring functions as an antenna which feeds noise
into the microcomputer, which causes noise to an
analog input pin.
If a capacitor between an analog input pin and the
VSS pin is grounded at a position far away from the
VSS pin, noise on the GND line may enter a
microcomputer through the capacitor.
Fig.6.4.5 Bypass capacitor across VSS line and
VCC line
VSS
VCC
Chip
Fig.6.4.6 Analog signal line and resistor and capacitor
Analog
input pin
VSS
Noise
Thermistor
Microcomputer
N.G.
O.K.
(Note)
Note : The resistor is used for dividing
resistance with a thermistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com