Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 227Page - Renesas Technology Corp 7220 Datasheet HTML 228Page - Renesas Technology Corp 7220 Datasheet HTML 229Page - Renesas Technology Corp 7220 Datasheet HTML 230Page - Renesas Technology Corp 7220 Datasheet HTML 231Page - Renesas Technology Corp 7220 Datasheet HTML 232Page - Renesas Technology Corp 7220 Datasheet HTML 233Page - Renesas Technology Corp 7220 Datasheet HTML 234Page - Renesas Technology Corp 7220 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 303 page
background image
APPENDIX
6.4 Countermeasures against noise
7220 Group User’s Manual
6-12
(3)
Wiring to CNVss pin
Connect the CNVSS pin to the VSS pin with the
shortest possible wiring.
Reason
The processor mode of a microcomputer is
influenced by a potential at the CNVSS pin. If
a potential difference is caused by the noise
between pins CNVSS and VSS, the processor
mode may become unstable. This may cause
a microcomputer malfunction or a program
runaway.
(4)
Wiring to VPP pin of One Time PROM version
and EPROM version
When the VPP pin is also used as the CNVSS
pinV1
Connect an approximately 5 kW resistor to
the VPP pin the shortest possible in series and
also to the VSS pin. When not connecting the
resistor, make the length of wiring between
the VPP pin and the VSS pin the shortest possible
(refer to “countermeasure example 1 of
Figure 6.4.4”)
V1 When a microcomputer has the CNVSS pin,
the VPP pin is also used as the CNVSS pin.
Note: Even when a circuit which included an
approximately 5 kW resistor is used in
the Mask ROM version, the micro-
computer operates correctly.
Reason
The VPP pin of the One Time PROM and the
EPROM version is the power source input pin
for the built-in PROM. When programming in
the built-in PROM, the impedance of the VPP
pin is low to allow the electric current for writing
flow into the PROM. Because of this, noise
can enter easily. If noise enters the VPP pin,
abnormal instruction codes or data are read
from the built-in PROM, which may cause a
program runaway.
Fig.6.4.3 Wiring for CNVSS pin
Noise
CNVSS
VSS
CNVSS
VSS
N.G.
O.K.
Fig.6.4.4 Wiring for VPP pin of One Time
PROM and EPROM version
CNVSS/VPP
VSS
In the shortest
distance
Approximately
5k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com