Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 223Page - Renesas Technology Corp 7220 Datasheet HTML 224Page - Renesas Technology Corp 7220 Datasheet HTML 225Page - Renesas Technology Corp 7220 Datasheet HTML 226Page - Renesas Technology Corp 7220 Datasheet HTML 227Page - Renesas Technology Corp 7220 Datasheet HTML 228Page - Renesas Technology Corp 7220 Datasheet HTML 229Page - Renesas Technology Corp 7220 Datasheet HTML 230Page - Renesas Technology Corp 7220 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 303 page
background image
APPENDIX
6.3 Notes on use
7220 Group User’s Manual
6-8
6.3.6 Notes on A-D comparator
(1)
Signal source impedance for analog input
Make the signal source impedance for analog input low, or equip an analog input pin with an external
capacitor of 0.01
µF to 1 µF. Further, be sure to verify the operation of application products on the
user side.
Reason
An analog input pin includes the capacitor for analog voltage comparison. Accordingly, when signals
from signal source with high impedance are input to an analog input pin, charge and discharge noise
generates. This may cause the A-D comparison precision to be worse.
(2)
Note during an A-D conversion
The comparator consists of a capacity coupling, and a charge of the capacity will be lost if the clock
frequency is too low. Thus, make sure the following during an A-D comparison.
qf(XIN) is 500 kHz or more
qDo not execute the STP instruction and WIT instruction
6.3.7 Note on RESET pin
In case where the RESET signal rise time is long, connect a ceramic capacitor or others across the RESET
pin and the VSS pin. And use a 1000 pF or more capacitor for high frequency use. When connecting the
capacitor, note the following :
qMake the length of the wiring which is connected to a capacitor as short as possible.
qBe sure to check the operation of application products on the user side.
Reason
______
If the several nanosecond or several ten nanosecond impulse noise enters the RESET pin, it may cause
a microcomputer failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com