Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 27Page - Analog Devices ADE7878ACPZ Datasheet HTML 28Page - Analog Devices ADE7878ACPZ Datasheet HTML 29Page - Analog Devices ADE7878ACPZ Datasheet HTML 30Page - Analog Devices ADE7878ACPZ Datasheet HTML 31Page - Analog Devices ADE7878ACPZ Datasheet HTML 32Page - Analog Devices ADE7878ACPZ Datasheet HTML 33Page - Analog Devices ADE7878ACPZ Datasheet HTML 34Page - Analog Devices ADE7878ACPZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
ADE7878
Rev. 0 | Page 31 of 92
used; therefore, it is not recommended to use the detection
circuit. In these cases, use the time intervals between phase
voltages to analyze the phase sequence (see the Time Interval
Between Phases section for details).
Figure 42 presents the case in which Phase A voltage is not
followed by Phase B voltage but by Phase C voltage. Every time
a negative-to-positive zero crossing occurs, Bit 19 (SEQERR) in
the STATUS1[31:0] register is set to 1 because such zero crossings
on Phase C, Phase B, or Phase A cannot come after zero crossings
from Phase A, Phase C, or respectively, Phase B zero crossings.
ZX B
ZX C
PHASE C
PHASE B
PHASE A
A, B, C PHASE
VOLTAGES AFTER
LPF1
BIT 19 (SEQERR) IN
STATUS1[31:0]
IRQ1
ZX A
STATUS1[19] SET TO 1
STATUS1[19] CANCELLED
BY A WRITE TO
STATUS1[31:0] WITH
SEQERR BIT SET
Figure 42. SEQERR Bit Set to 1 When Phase A Voltage Is Followed by
Phase C Voltage
Once a phase sequence error has been detected, the time
measurement between various phase voltages (see the Time
Interval Between Phases section) may help to identify which
phase voltage should be considered with another phase current
in the computational datapath. Bits[9:8] (VTOIA[1:0]),
Bits[11:10] (VTOIB[1:0]), and Bits[13:12] (VTOIC[1:0]) in the
CONFIG[15:0] register can be used to direct one phase voltage
to the datapath of another phase. See the Changing Phase
Voltage Datapath section for details.
Time Interval Between Phases
The ADE7878 has the capability to measure the time delay
between phase voltages, between phase currents, or between
voltages and currents of the same phase. The negative-to-positive
transitions identified by the zero-crossing detection circuit are
used as start and stop measuring points. Only one set of such
measurements is available at one time, based on Bits[10:9]
(ANGLESEL[1:0]) in the COMPMODE[15:0] register.
ZX C
ZX B
PHASE B
PHASE C
PHASE A
ZX A
Figure 43. Phase Sequence Detection
When the ANGLESEL[1:0] bits are set to 00, the default value,
the delays between voltages and currents on the same phase are
measured. The delay between Phase A voltage and Phase A
current is stored in the 16-bit unsigned ANGLE0[15:0] register
(see Figure 44 for details). In a similar way, the delays between
voltages and currents on Phase B and Phase C are stored in the
ANGLE1[15:0] and ANGLE2[15:0] registers, respectively.
PHASE A
CURRENT
ANGLE0
PHASE A
VOLTAGE
Figure 44. Delay Between Phase A Voltage and Phase A Current Is
Stored in ANGLE0[15:0]
When the ANGLESEL[1:0] bits are set to 01, the delays between
phase voltages are measured. The delay between Phase A voltage
and Phase C voltage is stored into ANGLE0[15:0]. The delay
between Phase B voltage and Phase C voltage is stored in the
ANGLE1[15:0] register, and the delay between Phase A voltage
and Phase B voltage is stored in the ANGLE2[15:0] register (see
Figure 45 for details).
When the ANGLESEL[1:0] bits are set to 10, the delays between
phase currents are measured. Similar to delays between phase
voltages, the delay between Phase A and Phase C currents is
stored into the ANGLE0[15:0] register, the delay between
Phase B and Phase C currents is stored in the ANGLE1[15:0]
register, and the delay between Phase A and Phase B currents is
stored into the ANGLE2[15:0] register (see Figure 45 for
details).
PHASE B
PHASE C
PHASE A
ANGLE2
ANGLE0
ANGLE1
Figure 45. Delays Between Phase Voltages (Currents)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com