Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 31Page - Analog Devices ADE7878ACPZ Datasheet HTML 32Page - Analog Devices ADE7878ACPZ Datasheet HTML 33Page - Analog Devices ADE7878ACPZ Datasheet HTML 34Page - Analog Devices ADE7878ACPZ Datasheet HTML 35Page - Analog Devices ADE7878ACPZ Datasheet HTML 36Page - Analog Devices ADE7878ACPZ Datasheet HTML 37Page - Analog Devices ADE7878ACPZ Datasheet HTML 38Page - Analog Devices ADE7878ACPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
ADE7878
Rev. 0 | Page 35 of 92
Overvoltage and Overcurrent Level Set
The content of the overvoltage, OVLVL[23:0], and overcurrent,
OILVL[23:0], 24-bit unsigned registers is compared to the abso-
lute value of the voltage and current channels. The maximum value
of these registers is the maximum value of the HPF outputs:
+5,928,256 (0x5A7540). When OVLVL or OILVL is equal to
this value, the overvoltage or overcurrent conditions are never
detected. Writing 0x0 to these registers signifies the overvoltage
or overcurrent conditions are continuously detected and the
corresponding interrupts are triggered permanently.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words. Similar to the register presented in
Figure 33, the OILVL and OVLVL registers are accessed as
32-bit registers with the eight MSBs padded with 0s.
Neutral Current Mismatch
In 3-phase systems, the neutral current is equal to the algebraic
sum of the phase currents: IN(t) = IA(t) + IB(t) + IC(t). If there is
a mismatch between these two quantities, then a tamper
situation may have occurred in the system.
The ADE7878 computes the sum of the phase currents, adding
the content of the IAWV[23:0], IBWV[23:0], and ICWV[23:0]
registers and storing the result into the ISUM[27:0] 28-bit
signed register: ISUM(t) = IA(t) + IB(t) + IC(t). ISUM is computed
every 125 μs (8 kHz frequency), the rate at which the current
samples are available. Bit 17 (DREADY) in the STATUS0[31:0]
register can be used to signal when the ISUM register may be
read. See the Digital Signal Processor section for more details on
Bit DREADY.
To recover the ISUM(t) value from the ISUM[27:0] register, use
the following expression:
FS
MAX
SUM
I
ADC
ISUM
t
I
×
=
]
0
:
27
[
)
(
where:
ADCMAX
= 5,928,256, the ADC output when the input is at full
scale.
IFS
= the full-scale ADC phase current.
The ADE7878 computes the difference between the absolute
values of ISUM and the neutral current from the INWV[23:0]
register, takes its absolute value, and compares it against
ISUMLVL threshold. If
ISUMLVL
INWV
ISUM
≤
−
, then it
is assumed that the neutral current is equal to the sum of the
phase currents and the system functions correctly. If
ISUMLVL
INWV
ISUM
>
−
, then a tamper situation may
have occurred, and Bit 20 (MISMTCH) in the STATUS1[31:0]
register is set to 1. An interrupt attached to the flag may be
enabled by setting Bit 20 (MISMTCH) in the MASK1[31:0]
register. If enabled, the IRQ1 pin is set low when status bit
MISMTCH is set to 1. The status bit is cleared and the IRQ1 pin
is set back high by writing the STATUS1 register with Bit 20
(MISMTCH) set to 1.
If
ISUMLVL
INWV
ISUM
≤
−
, then MISMTCH = 0
If
ISUMLVL
INWV
ISUM
>
−
, then MISMTCH = 1
ISUMLVL[23:0], the positive threshold used in the process, is a
24-bit signed register. Because it is used in a comparison with
an absolute value, it should always be set as a positive number,
somewhere between 0x00000 and 0x7FFFFF. ISUMLVL uses the
same scale of the current ADCs outputs, so writing +5,928,256
(0x5A7540) to the ISUMLVL register puts the mismatch
detection level at full scale; see the Current Channel ADC
Section for details. Writing 0x000000, the default value, or a
negative value, signifies that the MISMTCH event is always
triggered. The right value for the application should be written into
the ISUMLVL[23:0] register after power-up or after a
hardware/software reset to avoid continuously triggering
MISMTCH events.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. As
presented in Figure 50, ISUM[27:0], the 28-bit signed register is
accessed as a 32-bit register with the four most significant bits
padded with 0s.
31
28 27
BIT 27 IS A SIGN BIT
0
28-BIT SIGNED NUMBER
0000
Figure 50. ISUM[27:0] Register Is Transmitted As a 32-Bit Word
Similar to the registers presented in Figure 32, the ISUMLVL[23:0]
register is accessed as a 32-bit register with the four most
significant bits padded with 0s and sign extended to 28 bits.
PHASE COMPENSATION
As described in the Current Channel ADC and Voltage Channel
ADC sections, the datapath for both current and voltages is the
same. The phase error between current and voltage signals
introduced by the ADE7878 is negligible. However, the ADE7878
must work with transducers that may have inherent phase
errors. For example, a current transformer (CT) with a phase
error of 0.1° to 3° is not uncommon. These phase errors can
vary from part to part, and they must be corrected to perform
accurate power calculations.
The errors associated with phase mismatch are particularly
noticeable at low power factors. TheADE7878 provides a means
of digitally calibrating these small phase errors. The ADE7878
allows a small time delay or time advance to be introduced into
the signal processing chain to compensate for the small phase
errors.
The phase calibration registers (APHCAL[9:0], BPHCAL[9:0],
and CPHCAL[9:0]) are 10-bit registers that can vary the time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com