Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 50 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 46Page - Analog Devices ADE7878ACPZ Datasheet HTML 47Page - Analog Devices ADE7878ACPZ Datasheet HTML 48Page - Analog Devices ADE7878ACPZ Datasheet HTML 49Page - Analog Devices ADE7878ACPZ Datasheet HTML 50Page - Analog Devices ADE7878ACPZ Datasheet HTML 51Page - Analog Devices ADE7878ACPZ Datasheet HTML 52Page - Analog Devices ADE7878ACPZ Datasheet HTML 53Page - Analog Devices ADE7878ACPZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
ADE7878
Rev. 0 | Page 50 of 92
energy registers, xVARHR (for REHF interrupt) or xFVARHR
(for FREHF interrupt), becomes half full. The status bit is
cleared and the IRQ0 pin is set to high by writing to the
STATUS0 register with the corresponding bit set to 1.
Setting Bit 6 (RSTREAD) of LCYMODE[7:0] register enables a
read-with-reset for all var-hour accumulation registers, that is,
the registers are reset to 0 after a read operation.
AVGAIN
HPFDIS
[23:0]
HPF
AIGAIN
HPFDIS
[23:0]
DIGITAL
INTEGRATOR
REVRPA BIT IN
STATUS0[31:0]
HPF
VA
IA
AVARGAIN
AVAROS
APHCAL
ACCUMULATOR
VARTHR[47:0]
AVARHR[31:0]
32 BIT
REGISTER
TOTAL
REACTIVE
POWER
ALGORITHM
DIGITAL SIGNAL PROCESSOR
Figure 65. Total Reactive Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com