Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 79 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 79 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 75Page - Analog Devices ADE7878ACPZ Datasheet HTML 76Page - Analog Devices ADE7878ACPZ Datasheet HTML 77Page - Analog Devices ADE7878ACPZ Datasheet HTML 78Page - Analog Devices ADE7878ACPZ Datasheet HTML 79Page - Analog Devices ADE7878ACPZ Datasheet HTML 80Page - Analog Devices ADE7878ACPZ Datasheet HTML 81Page - Analog Devices ADE7878ACPZ Datasheet HTML 82Page - Analog Devices ADE7878ACPZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
ADE7878
Rev. 0| Page 79 of 92
Bit
Location
Bit Name
Default Value
Description
5
ZXTOVC
0
When this bit is set to 1, it indicates that a zero crossing on Phase C voltage is missing.
6
ZXTOIA
0
When this bit is set to 1, it indicates that a zero crossing on Phase A current is missing.
7
ZXTOIB
0
When this bit is set to 1, it indicates that a zero crossing on Phase B current is missing.
8
ZXTOIC
0
When this bit is set to 1, it indicates that a zero crossing on Phase C current is missing.
9
ZXVA
0
When this bit is set to 1, it indicates that a zero crossing has been detected on Phase A voltage.
10
ZXVB
0
When this bit is set to 1, it indicates that a zero crossing has been detected on Phase B voltage.
11
ZXVC
0
When this bit is set to 1, it indicates that a zero crossing has been detected on Phase C voltage.
12
ZXIA
0
When this bit is set to 1, it indicates that a zero crossing has been detected on Phase A current.
13
ZXIB
0
When this bit is set to 1, it indicates that a zero crossing has been detected on Phase B current.
14
ZXIC
0
When this bit is set to 1, it indicates that a zero crossing has been detected on Phase C current.
15
RSTDONE
1
In case of a software reset command, Bit 7 (SWRST) is set to 1 in the CONFIG[15:0] register, or
a transition from PSM1, PSM2, or PSM3 to PSM0, or a hardware reset, this bit is set to 1 at the
end of the transition process and after all registers changed value to the default. TheIRQ1
pin goes low to signal this moment because this interrupt cannot be disabled.
16
SAG
0
When this bit is set to 1, it indicates a SAG event has occurred on one of the phases indicated
by Bits[14:12] (VSPHASE) in the PHSTATUS[15:0] register (see Table 35).
17
OI
0
When this bit is set to 1, it indicates an overcurrent event has occurred on one of the phases
indicated by Bits[5:3] (OIPHASE) in the PHSTATUS[15:0] register (see Table 35).
18
OV
0
When this bit is set to 1, it indicates an overvoltage event has occurred on one of the phases
indicated by Bits[11:9] (OVPHASE) in the PHSTATUS[15:0] register (see Table 35).
19
SEQERR
0
When this bit is set to 1, it indicates a negative-to-positive zero crossing on the Phase A
voltage was not followed by a negative-to-positive zero crossing on the Phase B voltage but
by a negative-to-positive zero crossing on the Phase C voltage.
20
MISMTCH
0
When this bit is set to 1, it indicates
ISUMLVL
INWV
ISUM
>
−
, where ISUMLVL is
indicated in the ISUMLVL[23:0] register.
21
(Reserved)
Reserved. This bit is always set to 1.
22
(Reserved)
0
Reserved. This bit is always set to 0.
23
PKI
0
When this bit is set to 1, it indicates that the period used to detect the peak value in the
current channel has ended. The IPEAK[31:0] register contains the peak value and the phase
where the peak has been detected (see Table 29).
24
PKV
0
When this bit is set to 1, it indicates that the period used to detect the peak value in the
voltage channel has ended. The VPEAK[31:0] register contains the peak value and the phase
where the peak has been detected (see Table 30).
31:25
Reserved
000 0000
Reserved. These bits are always 0.
Table 33. MASK0 Register (Address 0xE50A)
Bit
Location
Bit Name
Default Value
Description
0
AEHF
0
When this bit is set to 1, it enables an interrupt when Bit 30 of any one of the total active energy
registers (AWATTHR, BWATTHR, CWATTHR) changes.
1
FAEHF
0
When this bit is set to 1, it enables an interrupt when Bit 30 of any one of the fundamental active
energy registers (AFWATTHR, BFWATTHR, or CFWATTHR) changes.
2
REHF
0
When this bit is set to 1, it enables an interrupt when Bit 30 of any one of the total reactive
energy registers (AVARHR, BVARHR, CVARHR) changes.
3
FREHF
0
When this bit is set to 1, it enables an interrupt when Bit 30 of any one of the fundamental
reactive energy registers (AFVARHR, BFVARHR, or CFVARHR) changes.
4
VAEHF
0
When this bit is set to 1, it enables an interrupt when Bit 30 of any one of the apparent energy
registers (AVAHR, BVAHR, CVAHR) changes.
5
LENERGY
0
When this bit is set to 1, in line energy accumulation mode, it enables an interrupt at the end of
an integration over an integer number of half-line cycles set in the LINECYC[15:0] register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com