Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 86 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 86 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 82Page - Analog Devices ADE7878ACPZ Datasheet HTML 83Page - Analog Devices ADE7878ACPZ Datasheet HTML 84Page - Analog Devices ADE7878ACPZ Datasheet HTML 85Page - Analog Devices ADE7878ACPZ Datasheet HTML 86Page - Analog Devices ADE7878ACPZ Datasheet HTML 87Page - Analog Devices ADE7878ACPZ Datasheet HTML 88Page - Analog Devices ADE7878ACPZ Datasheet HTML 89Page - Analog Devices ADE7878ACPZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
ADE7878
Rev. 0| Page 86 of 92
Table 42. CONFIG Register (Address 0xE618)
Bit
Location
Bit Name
Default
value
Description
0
INTEN
0
Integrator enable. When this bit is set to 1, the internal digital integrator is enabled for use in
meters utilizing Rogowski coils on all 3-phase and neutral current inputs.
When this bit is cleared to 0, the internal digital integrator is disabled.
2:1
Reserved
00
Reserved. These bits do not manage any functionality.
3
SWAP
0
When this bit is set to 1, the voltage channel outputs are swapped with the current channel
outputs. Thus, the current channel information is present in the voltage channel registers and vice
versa.
4
MOD1SHORT
0
When this bit is set to 1, the voltage channel ADCs behave as if the voltage inputs were put to
ground.
5
MOD2SHORT
0
When this bit is set to 1, the current channel ADCs behave as if the voltage inputs were put to
ground.
6
HSDCEN
0
When this bit is set to 1, the HSDC serial port is enabled, and HSCLK functionality is chosen at
CF3/HSCLK pin.
When this bit is cleared to 0, HSDC is disabled, and CF3 functionality is chosen at CF3/HSCLK pin.
7
SWRST
0
When this bit is set to 1, a software reset is initiated.
9:8
VTOIA[1:0]
00
These bits decide what phase voltage is considered together with Phase A current in the power
path.
00 = Phase A voltage.
01 = Phase B voltage.
10 = Phase C voltage.
11 = reserved. When set, the ADE7878 behaves like VTOIA[1:0] = 00.
11:10
VTOIB[1:0]
00
These bits decide what phase voltage is considered together with Phase B current in the power
path.
00 = Phase B voltage.
01 = Phase C voltage.
10 = Phase A voltage.
11 = reserved. When set, the ADE7878 behaves like VTOIB[1:0] = 00.
13:12
VTOIC[1:0]
00
These bits decide what phase voltage is considered together with Phase C current in the power
path.
00 = Phase C voltage.
01 = Phase A voltage.
10 = Phase B voltage.
11 = reserved. When set, the ADE7878 behaves like VTOIC[1:0] = 00.
15:14
Reserved
0
Reserved. These bits do not manage any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com