Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 81 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 81 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 77Page - Analog Devices ADE7878ACPZ Datasheet HTML 78Page - Analog Devices ADE7878ACPZ Datasheet HTML 79Page - Analog Devices ADE7878ACPZ Datasheet HTML 80Page - Analog Devices ADE7878ACPZ Datasheet HTML 81Page - Analog Devices ADE7878ACPZ Datasheet HTML 82Page - Analog Devices ADE7878ACPZ Datasheet HTML 83Page - Analog Devices ADE7878ACPZ Datasheet HTML 84Page - Analog Devices ADE7878ACPZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
ADE7878
Rev. 0| Page 81 of 92
Bit
Location
Bit Name
Default Value
Description
7
ZXTOIB
0
When this bit is set to 1, it enables an interrupt when a zero crossing on the Phase B current is
missing.
8
ZXTOIC
0
When this bit is set to 1, it enables an interrupt when a zero crossing on the Phase C current is
missing.
9
ZXVA
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on the Phase A
voltage.
10
ZXVB
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on the Phase B
voltage.
11
ZXVC
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on the Phase C
voltage.
12
ZXIA
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on the Phase A
current.
13
ZXIB
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on the Phase B
current.
14
ZXIC
0
When this bit is set to 1, it enables an interrupt when a zero crossing is detected on the Phase C
current.
15
RSTDONE
0
Because the RSTDONE interrupt cannot be disabled, this bit does not have any functionality
attached. It can be set to 1 or cleared to 0 without having any effect.
16
SAG
0
When this bit is set to 1, it enables an interrupt when a SAG event occurs on one of the phases
indicated by Bits[14:12] (VSPHASE) in the PHSTATUS[15:0] register (see Table 35).
17
OI
0
When this bit is set to 1, it enables an interrupt when an overcurrent event occurs on one of the
phases indicated by Bits[5:3] (OIPHASE) in the PHSTATUS[15:0] register (see Table 35).
18
OV
0
When this bit is set to 1, it enables an interrupt when an overvoltage event occurs on one of the
phases indicated by Bits[11:9] (OVPHASE) in the PHSTATUS[15:0] register (see Table 35).
19
SEQERR
0
When this bit is set to 1, it enables an interrupt when a negative-to-positive zero crossing on
Phase A voltage is not followed by a negative-to-positive zero crossing on Phase B voltage, but by
a negative-to-positive zero crossing on the Phase C voltage.
20
MISMTCH
0
ISUMLVL
INWV
ISUM
>
−
When this bit is set to 1, it enables an interrupt when
is greater
than the value indicated in the ISUMLVL[23:0] register.
22:21
Reserved
00
Reserved. These bits do not manage any functionality.
23
PKI
0
When this bit is set to 1, it enables an interrupt when the period used to detect the peak value in
the current channel has ended.
24
PKV
0
When this bit is set to 1, it enables an interrupt when the period used to detect the peak value in
the voltage channel has ended.
31:25
Reserved
000 0000
Reserved. These bits do not manage any functionality.
Table 35. PHSTATUS Register (Address 0xE600)
Bit Location
Bit Name
Default Value
Description
2:0
Reserved
000
Reserved. These bits are always 0.
3
OIPHASE[0]
0
When this bit is set to 1, the Phase A current generated Bit 17 (OI) in the STATUS1[31:0]
register.
4
OIPHASE[1]
0
When this bit is set to 1, the Phase B current generated Bit 17 (OI) in the STATUS1[31:0]
register.
5
OIPHASE[2]
0
When this bit is set to 1, the Phase C current generated Bit 17 (OI) in the STATUS1[31:0]
register.
8:6
Reserved
000
Reserved. These bits are always 0.
9
OVPHASE[0]
0
When this bit is set to 1, the Phase A voltage generated Bit 18 (OV) in the STATUS1[31:0]
register.
10
OVPHASE[1]
0
When this bit is set to 1, the Phase B voltage generated Bit 18 (OV) in the STATUS1[31:0]
register.
11
OVPHASE[2]
0
When this bit is set to 1, the Phase C voltage generated Bit 18 (OV) in the STATUS1[31:0]
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com