Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 41Page - Analog Devices ADE7878ACPZ Datasheet HTML 42Page - Analog Devices ADE7878ACPZ Datasheet HTML 43Page - Analog Devices ADE7878ACPZ Datasheet HTML 44Page - Analog Devices ADE7878ACPZ Datasheet HTML 45Page - Analog Devices ADE7878ACPZ Datasheet HTML 46Page - Analog Devices ADE7878ACPZ Datasheet HTML 47Page - Analog Devices ADE7878ACPZ Datasheet HTML 48Page - Analog Devices ADE7878ACPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
ADE7878
Rev. 0 | Page 45 of 92
WTHR[47:0]
1 DSP PULSE = 1LSB OF WATTHR[47:0]
ACTIVE POWER
ACCUMULATION
IN DSP
DSP
GENERATED
PULSES
Figure 62. Active Power Accumulation Inside DSP
Figure 62 explains this process. The WTHR[47:0] 48-bit signed
register contains the threshold. It is introduced by the user and
is common for all phase total active and fundamental powers.
Its value depends on how much energy is assigned to one LSB
of watt-hour registers. Supposing a derivative of wh [10n wh], n
as an integer, is desired as one LSB of the xWATTHR register.
Then WTHR is computed using the following expression:
FS
FS
n
S
I
U
f
PMAX
WTHR
×
×
×
×
=
10
3600
(25)
where:
PMAX = 33,516,139 = 0x1FF6A6B as the instantaneous power
computed when the ADC inputs are at full scale.
fS = 8 kHz, the frequency with which the DSP computes the
instantaneous power.
UFS, IFS are the rms values of phase voltages and currents when
the ADC inputs are at full scale.
The maximum value that can be written on WTHR[47:0] is
247 − 1. The minimum value is 0x0, but it is recommended to
write a number equal to or greater than PMAX. Never use
negative numbers.
The WTHR[47:0] is a 48-bit register. As previously stated, the
serial ports of the ADE7878 work on 32-, 16-, or 8-bit words.
As shown in Figure 63, the WTHR register is accessed as two
32-bit registers (WTHR1[31:0] and WTHR0[31:0]), each
having eight MSBs padded with 0s.
WTHR[47:0]
47
24
31
24 23
0
31
24 23
0
23
0
WTHR1[31:0]
WTHR0[31:0]
0000 0000
24 BIT SIGNED NUMBER
0000 0000
24 BIT SIGNED NUMBER
Figure 63. WTHR[47:0] Communicated As Two 32-Bit Registers
This discrete time accumulation or summation is equivalent to
integration in continuous time following the description in
Equation 26.
()
()
⎭
⎬
⎫
⎩
⎨
⎧
×
=
=
∑
∫
∞
=
→
0
0
T
Lim
n
T
nT
p
dt
t
p
Energy
(26)
where:
n is the discrete time sample number.
T is the sample period.
In the ADE7878, the total phase active powers are accumulated
in the AWATTHR[31:0], BWATTHR[31:0], and CWATTHR[31:0]
32-bit signed registers, and the fundamental phase active powers
are accumulated in the AFWATTHR[31:0], BFWATTHR[31:0],
and CFWATTHR[31:0] 32-bit signed registers. The active
energy register content can roll over to full-scale negative
(0x80000000) and continue increasing in value when the active
power is positive. Conversely, if the active power is negative, the
energy register underflows to full-scale positive (0x7FFFFFFF)
and continues decreasing in value.
Bit 0 (AEHF) in the STATUS0[31:0] register is set when Bit 30
of one of the xWATTHR registers changes, signifying that one
of these registers is half full. If the active power is positive, the
watt-hour register becomes half full when it increments from
0x3FFF FFFF to 0x4000 0000. If the active power is negative,
the watt-hour register becomes half full when it decrements
from 0xC000 0000 to 0xBFFF FFFF. Similarly, Bit 1 (FAEHF) in
vSTATUS0[31:0] register is set when Bit 30 of one of the
xFWATTHR registers changes, signifying that one of these
registers is half full.
Setting Bits[1:0] in the MASK0[31:0] register enables the
FAEHF and AEHF interrupts, respectively. If enabled, the
IRQ0 pin is set low and the status bit is set to 1 whenever one
of the energy registers, xWATTHR (for the AEHF interrupt) or
xFWATTHR (for the FAEHF interrupt), become half full. The
status bit is cleared and the IRQ0 pin is set to logic high by writing
to the STATUS0 register with the corresponding bit set to 1.
Setting Bit 6 (RSTREAD) of the LCYMODE[7:0] register
enables a read-with-reset for all watt-hour accumulation
registers; that is, the registers are reset to 0 after a read
operation.
Integration Time Under Steady Load
The discrete time sample period (T) for the accumulation register
is 125 μs (8 kHz frequency). With full-scale sinusoidal signals
on the analog inputs and the watt gain registers set to 0x00000, the
average word value from each LPF2 is PMAX = 33,516,139 =
0x1FF6A6B. If the WTHR[47:0] threshold is set at the PMAX
level, this means that the DSP generates a pulse that is added to
the watt-hour registers every 125 μs.
The maximum value that can be stored in the watt-hour
accumulation register before it overflows is 231 − 1 or
0x7FFFFFFF. The integration time is calculated as
Time = 0x7FFF,FFFF × 125 μs = 74 hr 33 min 55 sec
(27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com