Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 78 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 78 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 74Page - Analog Devices ADE7878ACPZ Datasheet HTML 75Page - Analog Devices ADE7878ACPZ Datasheet HTML 76Page - Analog Devices ADE7878ACPZ Datasheet HTML 77Page - Analog Devices ADE7878ACPZ Datasheet HTML 78Page - Analog Devices ADE7878ACPZ Datasheet HTML 79Page - Analog Devices ADE7878ACPZ Datasheet HTML 80Page - Analog Devices ADE7878ACPZ Datasheet HTML 81Page - Analog Devices ADE7878ACPZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
ADE7878
Rev. 0| Page 78 of 92
Bit
Location
Bit Name
Default Value
Description
7
REVAPB
0
When this bit is set to 1, it indicates that the Phase B active power identified by Bit 6
(REVAPSEL) in the ACCMODE[7:0] register (total or fundamental) has changed sign. The sign
itself is indicated in Bit 1 (BWSIGN) of the PHSIGN[15:0] register (see Table 41).
8
REVAPC
0
When this bit is set to 1, it indicates that the Phase C active power identified by Bit 6
(REVAPSEL) in the ACCMODE[7:0] register (total or fundamental) has changed sign. The sign
itself is indicated in Bit 2 (CWSIGN) of the PHSIGN[15:0] register (see Table 41).
9
REVPSUM1
0
When this bit is set to 1, it indicates that the sum of all phase powers in the CF1 datapath has
changed sign. The sign itself is indicated in Bit 3 (SUM1SIGN) of the PHSIGN[15:0] register (see
Table 41).
10
REVRPA
0
When this bit is set to 1, it indicates that the Phase A reactive power identified by Bit 7
(REVRPSEL) in the ACCMODE[7:0] register (total or fundamental) has changed sign. The sign
itself is indicated in Bit 4 (AVARSIGN) of the PHSIGN[15:0] register (see Table 41).
11
REVRPB
0
When this bit is set to 1, it indicates that the Phase B reactive power identified by Bit 7
(REVRPSEL) in the ACCMODE[7:0] register (total or fundamental) has changed sign. The sign
itself is indicated in Bit 5 (BVARSIGN) of the PHSIGN[15:0] register (see Table 41).
12
REVRPC
0
When this bit is set to 1, it indicates that the Phase C reactive power identified by Bit 7
(REVRPSEL) in the ACCMODE[7:0] register (total or fundamental) has changed sign. The sign
itself is indicated in Bit 6 (CVARSIGN) of the PHSIGN[15:0] register (see Table 41).
13
REVPSUM2
0
When this bit is set to 1, it indicates that the sum of all phase powers in the CF2 datapath has
changed sign. The sign itself is indicated in Bit 7 (SUM2SIGN) of the PHSIGN[15:0] register (see
Table 41).
14
CF1
When this bit is set to 1, it indicates that a high to low transition has occurred at CF1 pin; that
is, an active low pulse has been generated. The bit is set even if the CF1 output is disabled by
setting Bit 9 (CF1DIS) to 1 in the CFMODE[15:0] register. The type of power used at the CF1
pin is determined by Bits[2:0] (CF1SEL) in the CFMODE[15:0] register (see Table 39).
15
CF2
When this bit is set to 1, it indicates that a high-to-low transition has occurred at the CF2 pin;
that is, an active low pulse has been generated. The bit is set even if the CF2 output is
disabled by setting Bit 10 (CF2DIS) to 1 in the CFMODE[15:0] register. The type of power used
at the CF2 pin is determined by Bits[5:3] (CF2SEL) in the CFMODE[15:0] register (see Table 39).
16
CF3
When this bit is set to 1, it indicates that a high-to-low transition has occurred at CF3 pin; that
is, an active low pulse has been generated. The bit is set even if the CF3 output is disabled by
setting Bit 11 (CF3DIS) to 1 in the CFMODE[15:0] register. The type of power used at the CF3
pin is determined by Bits[8:6] (CF3SEL) in the CFMODE[15:0] register (see Table 39).
17
DREADY
0
When this bit is set to 1, it indicates that all periodical (at 8 kHz rate) DSP computations have
finished.
18
REVPSUM3
0
When this bit is set to 1, it indicates that the sum of all phase powers in the CF3 datapath has
changed sign. The sign itself is indicated in Bit 8 (SUM3SIGN) of the PHSIGN[15:0] register (see
Table 41).
31:19
Reserved
0 0000 0000 0000
Reserved. These bits are always 0.
Table 32. STATUS1 Register (Address 0xE503)
Bit
Location
Bit Name
Default Value
Description
0
NLOAD
0
When this bit is set to 1, it indicates that at least one phase entered no load condition based
on total active and reactive powers. The phase is indicated in Bits[2:0] (NLPHASE) in the
PHNOLOAD[15:0] register (see Table 36.)
1
FNLOAD
0
When this bit is set to 1, it indicates that at least one phase entered no load condition based
on fundamental active and reactive powers. The phase is indicated in Bits[5:3] (FNLPHASE) in
PHNOLOAD[15:0] register (see Table 36 in which this register is described).
2
VANLOAD
0
When this bit is set to 1, it indicates that at least one phase entered no load condition based
on apparent power. The phase is indicated in Bits[8:6] (VANLPHASE) in the PHNOLOAD[15:0]
register (see Table 36).
3
ZXTOVA
0
When this bit is set to 1, it indicates that a zero crossing on Phase A voltage is missing.
4
ZXTOVB
0
When this bit is set to 1, it indicates that a zero crossing on Phase B voltage is missing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com