Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 32Page - Analog Devices ADE7878ACPZ Datasheet HTML 33Page - Analog Devices ADE7878ACPZ Datasheet HTML 34Page - Analog Devices ADE7878ACPZ Datasheet HTML 35Page - Analog Devices ADE7878ACPZ Datasheet HTML 36Page - Analog Devices ADE7878ACPZ Datasheet HTML 37Page - Analog Devices ADE7878ACPZ Datasheet HTML 38Page - Analog Devices ADE7878ACPZ Datasheet HTML 39Page - Analog Devices ADE7878ACPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
ADE7878
Rev. 0 | Page 36 of 92
advance in the voltage channel signal path from +61.5 μs to
−374.0 μs, respectively. Negative values written to the PHCAL
registers represent a time advance whereas positive values
represent a time delay. One LSB is equivalent to 0.976 μs of time
delay or time advance (clock rate of 1.024 MHz). With a line
frequency of 60 Hz, this gives a phase resolution of 0.0211°
(360° × 60 Hz/1.024 MHz) at the fundamental. This corresponds
to a total correction range of −8.079° to +1.329° at 60 Hz. At
50 Hz, the correction range is −6.732° to +1.107° and the
resolution is 0.0176° (360° × 50 Hz/1.024 MHz).
Given a phase error of x degrees measured using the phase
voltage as the reference, the corresponding LSBs are computed
dividing x by the phase resolution (0.0211°/LSB for 60 Hz and
0.0176°/LSB for 50 Hz). Results between −383 and +63 only are
acceptable; numbers outside this range are not acceptable. If the
result is negative, the absolute value is written into the PHCAL
registers. If the result is positive, 512 is added to the result
before writing it into xPHCAL.
APHCAL,
BPHCAL, or
CPHCAL =
⎪
⎪
⎭
⎪
⎪
⎬
⎫
⎪
⎪
⎩
⎪
⎪
⎨
⎧
>
+
≤
0
,
512
_
0
,
_
x
resolution
phase
x
x
resolution
phase
x
(8)
Figure 52 illustrates how the phase compensation is used to remove
x = −1° phase lead in IA of the current channel from the
external current transducer (equivalent of 55.5 μs for 50 Hz
systems). To cancel the lead (1°) in the current channel of
Phase A, a phase lead must be introduced into the corres-
ponding voltage channel. Using Equation 8, APHCAL is 57,
rounded up from 56.8. The phase lead is achieved by
introducing a time delay of 55.73 μs into the Phase A current.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words. As shown in Figure 51, the APHCAL,
BPHCAL, and CPHCAL 10-bit registers are accessed as 16-bit
registers with the six MSBs padded with 0s.
0000 00
15
10 9
0
xPHCAL
Figure 51. xPHCAL Registers Communicated As 16-Bit Registers
PHASE
CALIBRATION
APHCAL = 57
ADC
PGA3
VAP
VA
VN
ADC
PGA1
IAP
IA
IAN
PHASE COMPENSATION
ACHIEVED DELAYING
IA BY 56µs
50Hz
1°
VA
IA
VA
IA
Figure 52. Phase Calibration on Voltage Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com