Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 37Page - Analog Devices ADE7878ACPZ Datasheet HTML 38Page - Analog Devices ADE7878ACPZ Datasheet HTML 39Page - Analog Devices ADE7878ACPZ Datasheet HTML 40Page - Analog Devices ADE7878ACPZ Datasheet HTML 41Page - Analog Devices ADE7878ACPZ Datasheet HTML 42Page - Analog Devices ADE7878ACPZ Datasheet HTML 43Page - Analog Devices ADE7878ACPZ Datasheet HTML 44Page - Analog Devices ADE7878ACPZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
ADE7878
Rev. 0 | Page 41 of 92
Voltage RMS Offset Compensation
The ADE7878 incorporates voltage rms offset compensation
registers for each phase: AVRMSOS[23:0], BVRMSOS[23:0], and
CVRMSOS[23:0]. These are 24-bit signed registers used to
remove offsets in the voltage rms calculations. An offset can
exist in the rms calculation due to input noises that are
integrated in the dc component of V2(t). One LSB of the voltage
rms offset compensation register is equivalent to one LSB of the
voltage rms register. Assuming that the maximum value from
the voltage rms calculation is 4,191,400 with full-scale ac inputs
(50 Hz), one LSB of the current rms offset represents 0.00037%
(
(
)
)
100
1
4191
/
128
4191
2
×
−
+
of the rms measurement at
60 dB down from full scale. Conduct offset calibration at low
current; avoid using voltages equal to zero for this purpose.
VRMSOS
Vrms
Vrms
×
+
=
128
2
0
(15)
where V rms0 is the rms measurement without offset correction.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. Similar
to registers presented in Figure 32, the AVRMSOS, BVRMSOS,
and CVRMSOS 24-bit registers are accessed as 32-bit registers
with the four most significant bits padded with 0s and sign
extended to 28 bits.
ACTIVE POWER CALCULATION
The ADE7878 computes the total active power on every phase.
Total active power considers in its calculation all fundamental
and harmonic components of the voltages and currents. The
ADE7878 also computes the fundamental active power, the
power determined only by the fundamental components of the
voltages and currents.
Total Active Power Calculation
Electrical power is defined as the rate of energy flow from
source to load. It is given by the product of the voltage and
current waveforms. The resulting waveform is called the
instantaneous power signal, and it is equal to the rate of energy
flow at every instant of time. The unit of power is the watt or
joules/sec. If an ac system is supplied by a voltage, v(t), and
consumes the current, i(t), and each of them contains harmonics,
then
sin
2
)
(
1
∑
∞
=
=
k
k
V
t
v
(kωt + φk)
(16)
()
k
k
k
γ
t
ω
k
I
t
i
+
=
∑
∞
=
sin
2
)
(
1
where:
Vk, Ik
= rms voltage and current of each harmonic.
φk
, γk are the phase delays of each harmonic.
The instantaneous power in an ac system is
p
(t) = v(t) × i(t) =
cos(φk – γk) −
cos(2kωt + φk – γk) +
{cos[(k − m)ωt + φk – γm] – cos[(k + m)ωt + φk + γm]}
∑
∞
=1
k
k
k I
V
∑
∞
=1
k
k
k I
V
∑
∞
≠
=
m
k
m
k
m
k I
V
1
,
(17)
The average power over an integral number of line cycles (n) is
given by the expression in Equation 18.
P
=
()
∑
∫
∞
=
=
1
0
1
k
k
k
nT
I
V
dt
t
p
nT
cos(φk – γk)
(18)
where:
T is the line cycle period.
P is referred to as the total active or total real power. Note that
the total active power is equal to the dc component of the
instantaneous power signal p(t) in Equation 17, that is,
cos(φk – γk). This is the expression used to calculate the
total active power in the ADE7878 for each phase. The expression
of fundamental active power is obtained from Equation 18 with
k = 1, as follows:
∑
∞
=1
k
k
k I
V
FP = V1I1 cos(φ1 – γ1)
(19)
Figure 58 shows how the ADE7878 computes the total active
power on each phase. First, it multiplies the current and voltage
signals in each phase. Next, it extracts the dc component of the
instantaneous power signal in each phase (A, B, and C) using
LPF2, the low-pass filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com