Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 66 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 66 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 62Page - Analog Devices ADE7878ACPZ Datasheet HTML 63Page - Analog Devices ADE7878ACPZ Datasheet HTML 64Page - Analog Devices ADE7878ACPZ Datasheet HTML 65Page - Analog Devices ADE7878ACPZ Datasheet HTML 66Page - Analog Devices ADE7878ACPZ Datasheet HTML 67Page - Analog Devices ADE7878ACPZ Datasheet HTML 68Page - Analog Devices ADE7878ACPZ Datasheet HTML 69Page - Analog Devices ADE7878ACPZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
ADE7878
Rev. 0 | Page 66 of 92
1
0
15 14
SCLK
MOSI
MISO
10
31 30
1
0
0
0
0
000
REGISTER VALUE
REGISTER ADDRESS
SS
Figure 83. SPI Read Operation of a 32-Bit Register
0
15 14
SCLK
MOSI
10 31 30
10
0
0
0
000
0
REGISTER ADDRESS
REGISTER VALUE
SS
Figure 84. SPI Write Operation of a 32-Bit Register
HSDC is an interface that is used to send to an external device,
usually a microprocessor or a DSP, up to sixteen 32-bit words.
The words represent the instantaneous values of the phase currents
and voltages, neutral current, and active, reactive, and apparent
powers. The registers being transmitted are: IAWV[23:0],
VAWV[23:0], IBWV[23:0], VBWV[23:0], ICWV[23:0],
VCWV[23:0], AVA[23:0], INWV[23:0], BVA[23:0], CVA[23:0],
AWATT[23:0], BWATT[23:0], CWATT[23:0], AVAR[23:0],
BVAR[23:0], and CVAR[23:0]. All are 24-bit registers that are
sign extended to 32-bits (see Figure 34 for details). HSDC can
be interfaced with SPI or similar interfaces.
HSDC is always a master of the communication and consists of
three pins: HSA, HSD, and HSCLK. HSA represents the select
signal. It stays active low or high when a word is transmitted
and is usually connected to the select pin of the slave. HSD is
used to send data to the slave and is usually connected to the
data input pin of the slave. HSCLK is the serial clock line. It is
generated by the ADE7878 and is usually connected to the serial
clock input of the slave. Figure 85 presents the connections
between the ADE7878 HSDC and slave devices containing an
SPI interface.
The HSDC communication is managed by the HSDC_CFG[7:0]
register (see Table 22). It is recommended to set the HSDC_CFG
register to the desired value before enabling the port using Bit 6
(HSDCEN) in the CONFIG[15:0] register. In this way, the state of
various pins belonging to the HSDC port do not take levels incon-
sistent with the desired HSDC behavior. After a hardware reset
or after power-up, the MISO/HSD and SS/HSA pins are set high.
Bit 0 (HCLK) in the HSDC_CFG[7:0] register determines the
serial clock frequency of the HSDC communication. When
HCLK is 0 (the default value), the clock frequency is 8 MHz.
When HCLK is 1, the clock frequency is 4 MHz. A bit of data is
transmitted for every HSCLK high-to-low transition. The slave
device that receives data from HSDC samples the HSD line on
the low-to-high transition of HSCLK.
HSD
HSCLK
HSA
ADE7878
MOSI
SCK
SS
SPI DEVICE
Figure 85. Connecting the ADE7878 HSDC with an SPI
The words can be transmitted as 32-bit packages or as 8-bit
packages. When Bit 1 (HSIZE) in the HSDC_CFG[7:0] register is 0
(the default value), the words are transmitted as 32-bit packages.
When Bit HSIZE is 1, the registers are transmitted as 8-bit pack-
ages. The HSDC interface transmits the words MSB first.
Bit 2 (HGAP) introduces a gap of seven HSCLK cycles between
packages, when Bit 2 (HGAP) is set to 1. When Bit HGAP is
cleared to 0 (the default value), no gap is introduced between
packages and the communication time is shortest. In this case,
HSIZE does not have any influence on the communication, and
a bit is put on the HSD line every HSCLK high-to-low transition.
Bits[4:3] (HXFER[1:0]) decide how many words are
transmitted. When HXFER[1:0] is 00, the default value, then all
16 words are transmitted. When HXFER[1:0] is 01, only the
words representing the instantaneous values of the phase and
neutral currents and phase voltages are transmitted in the
following order: IAWV, VAWV, IBWV, VBWV, ICWV, VCWV,
and one 32-bit word that is always equal to INWV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com