Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 59Page - Analog Devices ADE7878ACPZ Datasheet HTML 60Page - Analog Devices ADE7878ACPZ Datasheet HTML 61Page - Analog Devices ADE7878ACPZ Datasheet HTML 62Page - Analog Devices ADE7878ACPZ Datasheet HTML 63Page - Analog Devices ADE7878ACPZ Datasheet HTML 64Page - Analog Devices ADE7878ACPZ Datasheet HTML 65Page - Analog Devices ADE7878ACPZ Datasheet HTML 66Page - Analog Devices ADE7878ACPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
ADE7878
Rev. 0 | Page 63 of 92
JUMP
TO ISR
GLOBAL
INTERRUPT
MASK
CLEAR MCU
INTERRUPT
FLAG
READ
STATUSx
READ
PHx
JUMP
TO ISR
WRITE
BACK
STATUSx
ISR ACTION
(BASED ON STATUSx CONTENTS)
ISR RETURN
GLOBAL INTERRUPT
MASK RESET
MCU
INTERRUPT
FLAG SET
PROGRAM
SEQUENCE
t1
t2
t3
IRQx
Figure 79. Interrupt Management When PHSTATUS, IPEAK, VPEAK, or PHSIGN Registers Is Involved
SERIAL INTERFACES
The ADE7878 have three serial port interfaces: one fully
licensed I2C interface, one serial peripheral interface (SPI), and
one high speed data capture port (HSDC). Because the SPI pins
are multiplexed with some of the pins of the I2C and HSDC
ports, the ADE7878 accepts two configurations: one using the
SPI port only and one using the I2C port in conjunction with
the HSDC port.
Serial Interface Choice
After reset, the HSDC port is always disabled. The choice
between the I2C and SPI port is done by manipulating the SS
pin after power-up or after a hardware reset. If the SS pin is kept
high, then the ADE7878 uses the I2C port until a new hardware
reset is executed. If the SS pin is toggled high to low three times
after power-up or after a hardware reset, the ADE7878 uses the
SPI port until a new hardware reset is executed. This
manipulation of the SS pin can be accomplished in two ways.
Use the SS pin of the master device (that is, the microcontroller)
as a regular I/O pin and toggle it three times, or execute three
SPI write operations to a location in the address space that is
not allocated to a specific ADE7878 register (for example
0xEBFF, where eight bit writes can be executed). These writes
allow the SS pin to toggle three times. See the
section for details on the write protocol involved.
SPI Write
Operation
After the serial port choice is completed, it must be locked so
that the active port remains in use until a hardware reset is
executed in PSM0 normal mode or until a power-down. If I2C is
the active serial port, Bit 1 (I2C_LOCK) of the CONFIG2[7:0]
register must be set to 1 to lock it in. From this moment, the
ADE7878 ignores spurious toggling of the SS pin, and an
eventual switch into using the SPI port is no longer possible. If
the SPI is the active serial port, any write to the CONFIG2[7:0]
register locks the port. From this moment, a switch into using
the I2C port is no longer possible. Once locked, the serial port
choice is maintained when the ADE7878 changes PSMx power
modes.
The functionality of the ADE7878 is accessible via several on-
chip registers. The contents of these registers can be updated or
read using the I2C or SPI interface. The HSDC port provides the
state of up to 16 registers representing instantaneous values of
phase voltages and neutral currents, and active, reactive, and
apparent powers.
I2C-Compatible Interface
The ADE7878 supports a fully licensed I2C interface. The I2C
interface is implemented as a full hardware slave. SDA is the
data I/O pin, and SCL is the serial clock. These two pins are
shared with the MOSI and SCLK pins of the on-chip SPI
interface. The maximum serial clock frequency supported by
this interface is 400 kHz.
The two pins used for data transfer, SDA and SCL, are configured
in a wire-AND’ed format that allows arbitration in a multi-
master system.
The transfer sequence of an I2C system consists of a master
device initiating a transfer by generating a start condition while
the bus is idle. The master transmits the address of the slave
device and the direction of the data transfer in the initial
address transfer. If the slave acknowledges, then the data
transfer is initiated. This continues until the master issues a stop
condition and the bus becomes idle.
I2C Write Operation
The write operation using the I2C interface of the ADE7878
initiates when the master generates a start condition and
consists of one byte representing the address of the ADE7878
followed by the 16-bit address of the target register and by the
value of the register.
The most significant seven bits of the address byte constitute
the address of the ADE7878, and they are equal to 0111000b.
Bit 0 of the address byte is a read/write bit. Because this is a
write operation, it must be cleared to 0; therefore, the first byte
of the write operation is 0x70. After every byte is received, the
ADE7878 generates an acknowledge. Because registers may
have 8, 16, or 32 bits, after the last bit of the register is
transmitted and the ADE7878 acknowledges the transfer, the
master generates a stop condition. The addresses and the
register content are sent with the most significant bit first. See
for details of the I2C write operation.
Figure 80
I2C Read Operation
The read operation using the I2C interface of the ADE7878 is
accomplished in two stages. The first stage sets the pointer to
the address of the register. The second stage reads the content of
the register.
As seen in Figure 81, the first stage initiates when the master
generates a start condition and consists of one byte representing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com