Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 56 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 56 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 52Page - Analog Devices ADE7878ACPZ Datasheet HTML 53Page - Analog Devices ADE7878ACPZ Datasheet HTML 54Page - Analog Devices ADE7878ACPZ Datasheet HTML 55Page - Analog Devices ADE7878ACPZ Datasheet HTML 56Page - Analog Devices ADE7878ACPZ Datasheet HTML 57Page - Analog Devices ADE7878ACPZ Datasheet HTML 58Page - Analog Devices ADE7878ACPZ Datasheet HTML 59Page - Analog Devices ADE7878ACPZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
ADE7878
Rev. 0 | Page 56 of 92
The DSP computes the instantaneous values of all phase
powers: total active, fundamental active, total reactive,
fundamental reactive, and apparent. The process in which the
energy is sign accumulated in various xWATTHR, xVARHR,
and xVAHR registers has already been described in the energy
calculation sections. In the energy-to-frequency conversion
process, the instantaneous powers are used to generate signals
at the frequency output pins (CF1, CF2, and CF3). One digital-
to-frequency converter is used for every CFx pin. Every
converter sums certain phase powers and generates a signal
proportional to the sum. Two sets of bits decide what powers
are converted.
First, Bits[2:0] (TERMSEL1[2:0]), Bits[5:3] (TERMSEL2[2:0]),
and Bits[8:6] (TERMSEL3[2:0]) of the COMPMODE[15:0]
register decide which phases, or which combination of phases,
are added.
The TERMSEL1 bits refer to the CF1 pin, the TERMSEL2 bits
refer to the CF2 pin, and the TERMSEL3 bits refer to the CF3
pin. The TERMSELx[0] bits manage Phase A. When set to 1,
Phase A power is included in the sum of powers at the CFx
converter. When cleared to 0, Phase A power is not included.
The TERMSELx[1] bits manage Phase B, and the TERMSELx[2]
bits manage Phase C. Setting all TERMSELx bits to 1 means all
3-phase powers are added at the CFx converter. Clearing all
TERMSELx bits to 0 means no phase power is added and no CF
pulse is generated.
Second, Bits[2: 0] (CF1SEL[2:0]), Bits[5:3] (CF2SEL[2:0]), and
Bits[8:6] (CF3SEL[2:0]) in the CFMODE[15:0] register decide
what type of power is used at the inputs of the CF1, CF2, and
CF3 converters, respectively. Table 21 shows the values that
CFxSEL can have: total active, total reactive, apparent,
fundamental active, or fundamental reactive powers.
By default, the TERMSELx bits are all 1 and the CF1SEL bits are
000, the CF2SEL bits are 001, and the CF3SEL bits are 010. This
means that by default, the CF1 digital-to-frequency converter
produces signals proportional to the sum of all 3-phase total
active powers, CF2 produces signals proportional to total
reactive powers, and CF3 produces signals proportional to
apparent powers.
Table 21. CFxSEL Bits Description
CFxSEL
Description
Registers
Latched When
CFxLATCH = 1
000
CFx signal proportional to the
sum of total phase active
powers
AWATTHR,
BWATTHR,
CWATTHR
001
CFx signal proportional to the
sum of total phase reactive
powers
AVARHR, BVARHR,
CVARHR
010
CFx signal proportional to the
sum of phase apparent powers
AVAHR, BVAHR,
CVAHR
011
CFx signal proportional to the
sum of fundamental phase
active powers
AFWATTHR,
BFWATTHR,
CFWATTHR
100
CFx signal proportional to the
sum of fundamental phase
reactive powers
AFVARHR,
BFVARHR,
CFVARHR
101 to
111
Reserved
Similar to the energy accumulation process, the energy-to-
frequency conversion is accomplished in two stages. In the first
stage, the instantaneous phase powers obtained from the DSP at
the 8 kHz rate are shifted left by seven bits and then accumulate
into an internal register at a 1 MHz rate. When a threshold is
reached, a pulse is generated, and the threshold is subtracted
from the internal register. The sign of the energy in this
moment is considered the sign of the sum of phase powers (see
the Sign of Sum-of-Phase Powers in the CFx Datapath section
for details). The threshold is the same threshold used in various
active, reactive, and apparent energy accumulators in the DSP,
WTHR[47:0], VARTHR[47:0], or VATHR[47:0] registers but
this time it is shifted left by seven bits. The advantage of
accumulating the instantaneous powers at the 1 MHz rate
is that the ripple at the CFx pins is greatly diminished.
The second stage consists of the frequency divider by
CFxDEN[15:0] 16-bit unsigned registers. The values of
CFxDEN depend on the meter constant (MC), measured in
impulses/kWh and how much energy is assigned to one LSB of
various energy registers: xWATTHR, xVARHR, and so forth.
Supposing a derivative of wh [10n wh], n a positive or negative
integer, is desired as one LSB of the xWATTHR register. Then,
CFxDEN is as follows:
n
MC
CFxDEN
10
]
imp/kwh
[
10
3
×
=
(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com