Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 58 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 54Page - Analog Devices ADE7878ACPZ Datasheet HTML 55Page - Analog Devices ADE7878ACPZ Datasheet HTML 56Page - Analog Devices ADE7878ACPZ Datasheet HTML 57Page - Analog Devices ADE7878ACPZ Datasheet HTML 58Page - Analog Devices ADE7878ACPZ Datasheet HTML 59Page - Analog Devices ADE7878ACPZ Datasheet HTML 60Page - Analog Devices ADE7878ACPZ Datasheet HTML 61Page - Analog Devices ADE7878ACPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
ADE7878
Rev. 0 | Page 58 of 92
When WATTACC[1:0] = 11, the active powers are accumulated
in absolute mode. When the powers are negative, they change
sign and accumulate together with the positive power. Figure 73
shows how absolute active power accumulation works. Note
that in this mode, the xWATTHR registers continue to accumulate
active powers in signed mode, even if the CFx pulses are
generated based on the absolute accumulation mode.
Bits[3:2] (VARACC[1:0]) in the ACCMODE[7:0] register deter-
mine the accumulation modes of the total and fundamental
reactive powers when signals proportional to the reactive powers
are chosen at the CFx pins (Bit CFxSEL[2:0] in the CFMODE[15:0]
register equals 001 or 100). When VARACC[1:0] = 00, the
default value, the reactive powers are sign accumulated before
entering the energy-to-frequency converter. Figure 74 shows
how signed reactive power accumulation works. Note that in
this mode, the CFx pulses are synchronized perfectly with the
reactive energy accumulated in the xVARHR registers because
the powers are sign accumulated in both datapaths.
NEG
POS
POS
APNOLOAD
SIGN = POSITIVE
NEG
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
ACTIVE ENERGY
REVAPx BIT
IN STATUS0
xWSIGN BIT
IN PHSIGN
Figure 73. Active Power Absolute Accumulation Mode
NEG
POS
POS
VARNOLOAD
SIGN = POSITIVE
NEG
NO-LOAD
THRESHOLD
REACTIVE
POWER
NO-LOAD
THRESHOLD
REACTIVE
ENERGY
REVRPx BIT
IN STATUS0
xVARSIGN BIT
IN PHSIGN
Figure 74. Reactive Power Signed Accumulation Mode
When VARACC[1:0] = 10, the reactive powers are accumulated
depending on the sign of the corresponding active power. If the
active power is positive, the reactive power is accumulated as is.
If the active power is negative, the sign of the reactive power is
changed for accumulation. Figure 75 shows how the sign
adjusted reactive power accumulation mode works. Note that in
this mode, the xVARHR registers continue to accumulate
reactive powers in signed mode, even if the CFx pulses are
generated based on the sign adjusted accumulation mode.
POS
POS
VARNOLOAD
SIGN = POSITIVE
NEG
NO-LOAD
THRESHOLD
NO-LOAD
THRESHOLD
NO-LOAD
THRESHOLD
REACTIVE
POWER
ACTIVE
POWER
REACTIVE
ENERGY
REVRPx BIT
IN STATUS0
xVARSIGN BIT
IN PHSIGN
Figure 75. Reactive Power Accumulation in Sign Adjusted Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com