Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 19Page - Analog Devices ADE7878ACPZ Datasheet HTML 20Page - Analog Devices ADE7878ACPZ Datasheet HTML 21Page - Analog Devices ADE7878ACPZ Datasheet HTML 22Page - Analog Devices ADE7878ACPZ Datasheet HTML 23Page - Analog Devices ADE7878ACPZ Datasheet HTML 24Page - Analog Devices ADE7878ACPZ Datasheet HTML 25Page - Analog Devices ADE7878ACPZ Datasheet HTML 26Page - Analog Devices ADE7878ACPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
ADE7878
Rev. 0 | Page 23 of 92
Table 11. Recommended Actions When Changing Power Modes
Initial
Power
Mode
Recommended Actions
Before Setting Next
Power Mode
Next Power Mode
PSM0
PSM1
PSM2
PSM3
PSM0
Stop DSP by setting
Run[15:0] = 0x0000.
Current mean absolute
values (mav) computed
immediately.
Wait until the IRQ0 or
IRQ1 pin is triggered
accordingly.
No action
necessary.
Disable HSDC by clearing
Bit 6 (HSDEN) to 0 in the
CONFIG[15:0] register.
xIMAV[19:0] registers may
be accessed immediately.
Mask interrupts by setting
MASK0[31:0] = 0x0 and
MASK1[31:0] = 0x0.
Erase interrupt status flags in
the STATUS0[31:0] and
STATUS1[31:0] registers.
PSM1
No action necessary.
Wait until the IRQ1 pin is
triggered low.
Wait until the IRQ0 or
IRQ1 pin is triggered
accordingly.
No action
necessary.
Poll the STATUS1[31:0]
register until Bit 15
(RSTDONE) is set to 1.
PSM2
No action necessary.
Wait until the IRQ1 pin is
triggered low.
Wait until the IRQ1 pin
triggered low.
No action
necessary.
Poll the STATUS1[31:0]
register until Bit 15
(RSTDONE) is set to 1.
Current mean absolute
values are computed
beginning this moment.
xIMAV[19:0] registers may
be accessed from this
moment.
PSM3
No action necessary.
Wait until the IRQ1 pin is
triggered low.
Wait until the IRQ1 pin is
triggered low.
Wait until the IRQ0 or
IRQ1 pin is triggered
accordingly.
Poll the STATUS1[31:0]
register until Bit 15
(RSTDONE) is set to 1.
Current mav circuit begins
computations at this time.
xIMAV[19:0] registers can
be accessed from this
moment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com