Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 73 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 73 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 69Page - Analog Devices ADE7878ACPZ Datasheet HTML 70Page - Analog Devices ADE7878ACPZ Datasheet HTML 71Page - Analog Devices ADE7878ACPZ Datasheet HTML 72Page - Analog Devices ADE7878ACPZ Datasheet HTML 73Page - Analog Devices ADE7878ACPZ Datasheet HTML 74Page - Analog Devices ADE7878ACPZ Datasheet HTML 75Page - Analog Devices ADE7878ACPZ Datasheet HTML 76Page - Analog Devices ADE7878ACPZ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
ADE7878
Rev. 0 | Page 73 of 92
Address
Register
Name
R/W1
Bit Length
Bit Length During
Communication2
Type3
Default
Value
Description
0x43B4
Reserved
N/A4
N/A4
N/A4
N/A4
0x000000
This location should
not be written for
proper operation.
0x43B5
DICOEFF
R/W
24
32 ZPSE
S
0x0000000
Register used in the
digital integrator
algorithm. If the
integrator is turned
on, it must be set at
0xFF8000. In
practice, it is
transmitted as
0xFFF8000.
0x43B6
HPFDIS
R/W
24
32 ZP
U
0x000000
Disables/enables the
HPF in the current
datapath
(see Table 28).
0x43B7 to
Reserved
N/A4
N/A4
N/A4
N/A4
0x000000
This memory
location should be
kept at 0x000000 for
proper operation.
0x43B8
ISUMLVL
R/W
24
32 ZPSE
S
0x000000
Threshold used in
comparison between
the sum of phase
currents and the
neutral current.
0x43BF
ISUM
R
28
32 ZP
S
N/A4
Sum of IAWV, IBWV,
and ICWV registers
0x43C0
AIRMS
R
24
32 ZP
S
N/A4
Phase A current rms
value.
0x43C1
AVRMS
R
24
32 ZP
S
N/A4
Phase A voltage rms
value.
0x43C2
BIRMS
R
24
32 ZP
S
N/A4
Phase B current rms
value.
0x43C3
BVRMS
R
24
32 ZP
S
N/A4
Phase B voltage rms
value.
0x43C4
CIRMS
R
24
32 ZP
S
N/A4
Phase C current rms
value.
0x43C5
CVRMS
R
24
32 ZP
S
N/A4
Phase C voltage rms
value.
0x43C6
NIRMS
R
24
32 ZP
S
N/A4
Neutral current rms
value.
0x43C7 to
0x43FF
Reserved
N/A4
N/A4
N/A4
N/A4
N/A4
These memory
locations should not
be written for proper
operation.
1 R is read and W is write.
2 32 ZPSE = 24-bit signed register that is transmitted as a 32-bit word with four MSBs padded with 0s and sign extended to 28 bits, whereas 32 ZP = 28- or 24-bit signed
or unsigned register that is transmitted as a 32-bit word with four eight MSBs, respectively, padded with 0s.
3 U is an unsigned register and S is a signed register in twos complement format.
4 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com