Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 85 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 85 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 81Page - Analog Devices ADE7878ACPZ Datasheet HTML 82Page - Analog Devices ADE7878ACPZ Datasheet HTML 83Page - Analog Devices ADE7878ACPZ Datasheet HTML 84Page - Analog Devices ADE7878ACPZ Datasheet HTML 85Page - Analog Devices ADE7878ACPZ Datasheet HTML 86Page - Analog Devices ADE7878ACPZ Datasheet HTML 87Page - Analog Devices ADE7878ACPZ Datasheet HTML 88Page - Analog Devices ADE7878ACPZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
ADE7878
Rev. 0| Page 85 of 92
Table 40. APHCAL, BPHCAL, CPHCAL Registers (Address 0xE614, Address 0xE615, Address 0xE616)
Bit
Location
Bit Name
Default Value
Description
9:0
PHCALVAL
0000000000
If current channel compensation is necessary, these bits can vary only between 0 and 383.
If voltage channel compensation is necessary, these bits can vary only between 512 and 575.
If the PHCALVAL bits are set with numbers between 384 and 511, the compensation behaves
like PHCALVAL set between 256 and 383.
If the PHCALVAL bits are set with numbers between 512 and 1023, the compensation
behaves like PHCALVAL bits set between 384 and 511.
15:10
Reserved
000000
Reserved. These bits do not manage any functionality.
Table 41. PHSIGN Register (Address 0xE617)
Bit
Location
Bit Name
Default Value
Description
0
AWSIGN
0
0: if the active power identified by Bit 6 (REVAPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase A is positive.
1: if the active power identified by Bit 6 (REVAPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase A is negative.
1
BWSIGN
0
0: if the active power identified by Bit 6 (REVAPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase B is positive.
1: if the active power identified by Bit 6 (REVAPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase B is negative.
2
CWSIGN
0
0: if the active power identified by Bit 6 (REVAPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase C is positive.
1: if the active power identified by Bit 6 (REVAPSEL) bit in the ACCMODE[7:0] register (total of
fundamental) on Phase C is negative.
3
SUM1SIGN
0
0: if the sum of all phase powers in the CF1 datapath is positive.
1: if the sum of all phase powers in the CF1 datapath is negative. Phase powers in the CF1
datapath are identified by Bits[2:0] (TERMSEL1) of the COMPMODE[15:0] register and by
Bits[2:0] (CF1SEL) of the CFMODE[15:0] register.
4
AVARSIGN
0
0: if the reactive power identified by Bit 7 (REVRPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase A is positive.
1: if the reactive power identified by Bit 7 (REVRPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase A is negative.
5
BVARSIGN
0
0: if the reactive power identified by Bit 7 (REVRPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase B is positive.
1: if the reactive power identified by Bit 7 (REVRPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase B is negative.
6
CVARSIGN
0
0: if the reactive power identified by Bit 7 (REVRPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase C is positive.
1: if the reactive power identified by Bit 7 (REVRPSEL) in the ACCMODE[7:0] register (total of
fundamental) on Phase C is negative.
7
SUM2SIGN
0
0: if the sum of all phase powers in the CF2 datapath is positive.
1: if the sum of all phase powers in the CF2 datapath is negative. Phase powers in the CF2
datapath are identified by Bits[5:3] (TERMSEL2) of the COMPMODE[15:0] register and by
Bits[5:3] (CF2SEL) of the CFMODE[15:0] register.
8
SUM3SIGN
0
0: if the sum of all phase powers in the CF3 datapath is positive.
1: if the sum of all phase powers in the CF3 datapath is negative. Phase powers in the CF3
datapath are identified by Bits[8:6] (TERMSEL3) of the COMPMODE[15:0] register and by
Bits[8:6] (CF3SEL) of the CFMODE[15:0] register.
15:9
Reserved
000 0000
Reserved. These bits are always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com