Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 60 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 60 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 56Page - Analog Devices ADE7878ACPZ Datasheet HTML 57Page - Analog Devices ADE7878ACPZ Datasheet HTML 58Page - Analog Devices ADE7878ACPZ Datasheet HTML 59Page - Analog Devices ADE7878ACPZ Datasheet HTML 60Page - Analog Devices ADE7878ACPZ Datasheet HTML 61Page - Analog Devices ADE7878ACPZ Datasheet HTML 62Page - Analog Devices ADE7878ACPZ Datasheet HTML 63Page - Analog Devices ADE7878ACPZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
ADE7878
Rev. 0 | Page 60 of 92
No Load Detection Based on Fundamental Active and
Reactive Powers
This no load condition is triggered when the absolute values of
both phase fundamental active and reactive powers are less than or
equal to APNOLOAD[23:0] and the respective VARNOLOAD[23:0]
positive thresholds. In this case, the fundamental active and
reactive energies of that phase are not accumulated, and no CFx
pulses are generated based on these energies. APNOLOAD and
VARNOLOAD are the same no load thresholds set for the total
active and reactive powers. When APNOLOAD and VARNO-
LOAD are set to negative values, this no load detection circuit is
disabled.
Bit 1 (FNLOAD) in the STATUS1[31:0] register is set when this
no load condition in one of the three phases is triggered.
Bits[5:3] (FNLPHASE[2:0]) in the PHNOLOAD[15:0] register
indicate the state of all phases relative to a no load condition
and are set simultaneously with Bit FNLOAD in
STATUS1[31:0]. FNLPHASE[0] indicates the state of Phase A,
FNLPHASE[1] indicates the state of Phase B, and
FNLPHASE[2] indicates the state of Phase C. When Bit
FNLPHASE[x] is cleared to 0, it means the phase is out of the
no load condition. When set to 1, it means the phase is in a no
load condition.
An interrupt attached to Bit 1 (FNLOAD) in the STATUS1[31:0]
register can be enabled by setting Bit 1 in the MASK1[31:0]
register. If enabled, the
1
IRQ pin is set low and the status bit is
set to 1 whenever one of three phases enters or exits this no load
condition. To find the phase that triggered the interrupt, the
PHNOLOAD[15:0] register is read immediately after reading
STATUS1[31:0]. Then the status bit is cleared, and the
1
IRQ
pin is set back high by writing the STATUS1 register with the
corresponding bit set to 1.
No Load Detection Based on Apparent Power
This no load condition is triggered when the absolute value of
phase apparent power is less than or equal to the threshold
indicated in the VANOLOAD[23:0] 24-bit signed register. In
this case, the apparent energy of that phase is not accumulated
and no CFx pulses are generated based on this energy. the
VANOLOAD register represents the positive no load level of
apparent power relative to PMAX, the maximum apparent
power obtained when full-scale voltages and currents are
provided at the ADC inputs. The expression used to compute
the VANOLOAD[23:0] signed 24-bit value is
PMAX
I
I
U
U
VANOLOAD
FS
NOLOAD
FS
n
×
×
=
(48)
where:
PMAX = 33,516,139 = 0x1FF6A6B, the instantaneous apparent
power computed when the ADC inputs are at full scale.
UFS, IFS are the rms values of the phase voltages and currents
when the ADC inputs are at full scale.
Un is the nominal rms value of phase voltage.
INOLOAD is the minimum rms value of phase current the meter
starts measuring.
When the VANOLOAD[23:0] register is set to negative values,
the no load detection circuit is disabled.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. Similar
to the registers presented in Figure 32, the VANOLOAD 24-bit
signed register is accessed as a 32-bit register with the four
MSBs padded with 0s and sign extended to 28 bits.
Bit 2 (VANLOAD) in the STATUS1[31:0] register is set when
this no load condition in one of the three phases is triggered.
Bits[8:6] (VANLPHASE[2:0]) in the PHNOLOAD[15:0] register
indicate the state of all phases relative to a no load condition,
and they are set simultaneously with Bit VANLOAD in the
STATUS1[31:0] register. Bit VANLPHASE[0] indicates the state
of Phase A, Bit VANLPHASE[1] indicates the state of Phase B,
and Bit VANLPHASE[2] indicates the state of Phase C. When
Bit VANLPHASE[x] is cleared to 0, it means that the phase is
out of no load condition. When set to 1, it means that the phase
is in no load condition.
An interrupt attached to Bit 2 (VANLOAD) in the STATUS1[31:0]
register can be enabled by setting Bit 2 in the MASK1[31:0]
register. If enabled, the IRQ1 pin is set low and the status bit is
set to 1 whenever one of three phases enters or exits this no load
condition. To find the phase that triggered the interrupt, the
PHNOLOAD[15:0] register is read immediately after reading
the STATUS1[31:0] register. Next, the status bit is cleared, and
IRQ1 pin is set to high by writing to the STATUS1 register with
the corresponding bit set to 1.
CHECKSUM REGISTER
The ADE7878 has a checksum 32-bit register, CHECKSUM[31:0],
that ensures that certain very important configuration registers
maintain their desired value during Normal Power Mode
PSM0.
The registers covered by this register are MASK0[31:0],
MASK1[31:0], COMPMODE[15:0], GAIN[15:0],
CFMODE[15:0], CF1DEN[15:0], CF2DEN[15:0],
CF3DEN[15:0], CONFIG[15:0], MMODE[7:0],
ACCMODE[7:0], LCYCMODE[7:0], HSDC_CFG[7:0], and
another six 8-bit reserved internal registers that always have
default values. The ADE7878 computes the cyclic redundancy
check (CRC) based on the IEEE802.3 standard. The registers
are introduced one-by-one into a linear feedback shift register
(LFSR) based generator starting with the least significant bit
(as shown in Figure 76). The 32-bit result is written in the
CHECKSUM[31:0] register. After power-up or a hardware/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com