Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 51Page - Analog Devices ADE7878ACPZ Datasheet HTML 52Page - Analog Devices ADE7878ACPZ Datasheet HTML 53Page - Analog Devices ADE7878ACPZ Datasheet HTML 54Page - Analog Devices ADE7878ACPZ Datasheet HTML 55Page - Analog Devices ADE7878ACPZ Datasheet HTML 56Page - Analog Devices ADE7878ACPZ Datasheet HTML 57Page - Analog Devices ADE7878ACPZ Datasheet HTML 58Page - Analog Devices ADE7878ACPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
ADE7878
Rev. 0 | Page 55 of 92
The line cycle apparent energy accumulation mode is activated
by setting Bit 2 (LVA) in the LCYCMODE[7:0] register. The
apparent energy accumulated over an integer number of zero
crossings is written to the xVAHR accumulation registers after
the number of zero crossings specified in the LINECYC register
is detected. When using the line cycle accumulation mode, Bit 6
(RSTREAD) of the LCYCMODE[7:0] register should be set to
Logic 0 because a read with the reset of xVAHR registers is not
available in this mode.
Phase A, Phase B, and Phase C zero crossings are, respectively,
included when counting the number of half-line cycles by
setting Bits[5:3] (ZXSEL) in the LCYCMODE[7:0] register. Any
combination of the zero crossings from all three phases can be
used for counting the zero crossing. Select only one phase at a
time for inclusion in the zero-crossings count during calibration.
For details on setting the LINECYC[15:0] register and Bit 5
(LENERGY) in the MASK0 interrupt mask register associated
with the line cycle accumulation mode, see the Line Cycle
Active Energy Accumulation Mode section.
WAVEFORM SAMPLING MODE
The waveform samples of the current and voltage waveform, the
active, reactive, and apparent power multiplier outputs are
stored every 125 μs (8 kHz rate) into 24-bit signed registers that
can be accessed through various serial ports of the ADE7878.
Table 20 provides the list of registers and their descriptions.
Table 20. Waveform Registers List
Register
Description
IAWV
Phase A current
VAWV
Phase A voltage
IBWV
Phase B current
VBWV
Phase B voltage
ICWV
Phase C current
VCWV
Phase C voltage
INWV
Neutral current
AVA
Phase A apparent power
Register
Description
BVA
Phase B apparent power
CVA
Phase C apparent power
AWATT
Phase A active power
BWATT
Phase B active power
CWATT
Phase C active power
AVAR
Phase A reactive power
BVAR
Phase B reactive power
CVAR
Phase C reactive power
Bit 17 (DREADY) in the STATUS0[31:0] register can be used to
signal when the registers listed in Table 20 can be read using the
I2C or SPI serial port. An interrupt attached to the flag can be
enabled by setting Bit 17 (DREADY) in the MASK0[31:0]
register. See the Digital Signal Processor section for more details
on Bit DREADY.
The ADE7878 contains a high speed data capture (HSDC) port
that is specially designed to provide fast access to the waveform
sample registers. Read the HSDC Interface section for more
details.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words. All registers listed in Table 20 are trans-
mitted sign extended from 24 bits to 32 bits (see Figure 34).
ENERGY-TO-FREQUENCY CONVERSION
The ADE7878 provides three frequency output pins: CF1, CF2,
and CF3. The CF3 pin is multiplexed with the HSCLK pin of
the HSDC interface. When HSDC is enabled, the CF3
functionality is disabled at the pin. The CF1 and CF2 pins are
always available. After initial calibration at manufacturing, the
manufacturer or end customer verifies the energy meter
calibration. One convenient way to verify the meter calibration
is to provide an output frequency proportional to the active,
reactive, or apparent power under steady load conditions. This
output frequency can provide a simple, single-wire, optically
isolated interface to external calibration equipment. Figure 69
illustrates the energy-to-frequency conversion in the ADE7878.
DIGITAL SIGNAL
PROCESSOR
INSTANTANEOUS
PHASE A ACTIVE
POWER
INSTANTANEOUS
PHASE B ACTIVE
POWER
INSTANTANEOUS
PHASE C ACTIVE
POWER
TERMSELx BITS IN
COMPMODE
WTHR[47:0]
FREQUENCY
DIVIDER
27
27
VA
VAR
FWATT
FVAR
WATT
CFxSEL BITS
IN CFMODE
REVPSUMx BIT OF
STATUS0[31:0]
CFxDEN
ACCUMULATOR
CFx PULSE
OUTPUT
Figure 69. Energy-to-Frequency Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com