Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 82 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 82 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 78Page - Analog Devices ADE7878ACPZ Datasheet HTML 79Page - Analog Devices ADE7878ACPZ Datasheet HTML 80Page - Analog Devices ADE7878ACPZ Datasheet HTML 81Page - Analog Devices ADE7878ACPZ Datasheet HTML 82Page - Analog Devices ADE7878ACPZ Datasheet HTML 83Page - Analog Devices ADE7878ACPZ Datasheet HTML 84Page - Analog Devices ADE7878ACPZ Datasheet HTML 85Page - Analog Devices ADE7878ACPZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
ADE7878
Rev. 0| Page 82 of 92
Bit Location
Bit Name
Default Value
Description
12
VSPHASE[0]
0
When this bit is set to 1, the Phase A voltage generated Bit 16 (SAG) in the
STATUS1[31:0] register.
13
VSPHASE[1]
0
When this bit is set to 1, the Phase B voltage generated Bit 16 (SAG) in the
STATUS1[31:0] register.
14
VSPHASE[2]
0
When this bit is set to 1, the Phase C voltage generated Bit16 (SAG) in the STATUS1[31:0]
register.
15
Reserved
0
Reserved. This bit is always 0.
Table 36. PHNOLOAD Register (Address 0xE608)
Bit
Location
Bit Name
Default Value
Description
0
NLPHASE[0]
0
0: Phase A is out of no load condition based on total active/reactive powers.
1: Phase A is in no load condition based on total active/reactive powers. This bit is set
together with Bit 0 (NLOAD) in the STATUS1[31:0] register.
1
NLPHASE[1]
0
0: Phase B is out of no load condition based on total active/reactive powers.
1: Phase B is in no load condition based on total active/reactive powers. This bit is set
together with Bit 0 (NLOAD) in the STATUS1[31:0] register.
2
NLPHASE[2]
0
0: Phase C is out of no load condition based on total active/reactive powers.
1: Phase C is in no load condition based on total active/reactive powers. This bit is set
together with Bit 0 (NLOAD) in the STATUS1[31:0] register.
3
FNLPHASE[0]
0
0: Phase A is out of no load condition based on fundamental active/reactive powers.
1: Phase A is in no load condition based on fundamental active/reactive powers. This bit is
set together with Bit 1 (FNLOAD) in STATUS1[31:0].
4
FNLPHASE[1]
0
0: Phase B is out of no load condition based on fundamental active/reactive powers.
1: Phase B is in no load condition based on fundamental active/reactive powers. This bit is
set together with Bit 1 (FNLOAD) in STATUS1[31:0].
5
FNLPHASE[2]
0
0: Phase C is out of no load condition based on fundamental active/reactive powers.
1: Phase C is in no load condition based on fundamental active/reactive powers. This bit is
set together with Bit 1 (FNLOAD) in STATUS1[31:0].
6
VANLPHASE[0]
0
0: Phase A is out of no load condition based on apparent power.
1: Phase A is in no load condition based on apparent power. This bit is set together with Bit 2
(VANLOAD) in the STATUS1[31:0] register.
7
VANLPHASE[1]
0
0: Phase B is out of no load condition based on apparent power.
1: Phase B is in no load condition based on apparent power. This bit is set together with Bit 2
(VANLOAD) in the STATUS1[31:0] register.
8
VANLPHASE[2]
0
0: Phase C is out of no load condition based on apparent power.
1: Phase C is in no load condition based on apparent power. This bit is set together with Bit 2
(VANLOAD) in the STATUS1[31:0] register.
15:9
Reserved
000 0000
Reserved. These bits are always 0.
Table 37. COMPMODE Register (Address 0xE60E)
Bit
Location
Bit Name
Default
Value
Description
0
TERMSEL1[0]
1
Setting all TERMSEL1[2:0] to 1 signifies the sum of all three phases is included in the CF1 output.
Phase A is included in the CF1 outputs calculations.
1
TERMSEL1[1]
1
Phase B is included in the CF1 outputs calculations.
2
TERMSEL1[2]
1
Phase C is included in the CF1 outputs calculations.
3
TERMSEL2[0]
1
Setting all TERMSEL2[2:0] to 1 signifies the sum of all three phases is included in the CF2 output.
Phase A is included in the CF2 outputs calculations.
4
TERMSEL2[1]
1
Phase B is included in the CF2 outputs calculations.
5
TERMSEL2[2]
1
Phase C is included in the CF2 outputs calculations.
6
TERMSEL3[0]
1
Setting all TERMSEL3[2:0] to 1 signifies the sum of all three phases is included in the CF3 output.
Phase A is included in the CF3 outputs calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com