Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 13Page - Analog Devices ADE7878ACPZ Datasheet HTML 14Page - Analog Devices ADE7878ACPZ Datasheet HTML 15Page - Analog Devices ADE7878ACPZ Datasheet HTML 16Page - Analog Devices ADE7878ACPZ Datasheet HTML 17Page - Analog Devices ADE7878ACPZ Datasheet HTML 18Page - Analog Devices ADE7878ACPZ Datasheet HTML 19Page - Analog Devices ADE7878ACPZ Datasheet HTML 20Page - Analog Devices ADE7878ACPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
ADE7878
Rev. 0 | Page 17 of 92
TEST CIRCUIT
SAME AS
CF2
PM0
0.22µF
4.7µF
MOSI/SDA
MISO/HSD
SCLK/SCL
CF3/HSCLK
CF2
CF1
REFIN/OUT
CLKOUT
CLKIN
PM1
RESET
IAP
IAN
IBP
IBN
ICP
ICN
VN
VCP
VBP
VAP
2
23
3
4
7
8
9
12
13
14
18
19
22
39
38
37
36
35
34
33
32
29
17
28
27
ADE7858
24
26
5
6
25
0.1µF
10µF
0.1µF
4.7µF
20pF
+
+
+
3.3V
3.3V
SAME AS
IRQ0_N
20pF
16.384MHz
SAME AS
VCP
SAME AS
VCP
SAME AS
IAP, IAN
SAME AS
IAP, IAN
1.8nF
1kΩ
1kΩ
1kΩ
10kΩ
10kΩ
10kΩ
1.5kΩ
1kΩ
1.8nF
3.3V
3.3V
1µF
1.8nF
1.8nF
SS/HSA
IRQ1
IRQ0
Figure 21. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com