Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 8Page - Analog Devices ADE7878ACPZ Datasheet HTML 9Page - Analog Devices ADE7878ACPZ Datasheet HTML 10Page - Analog Devices ADE7878ACPZ Datasheet HTML 11Page - Analog Devices ADE7878ACPZ Datasheet HTML 12Page - Analog Devices ADE7878ACPZ Datasheet HTML 13Page - Analog Devices ADE7878ACPZ Datasheet HTML 14Page - Analog Devices ADE7878ACPZ Datasheet HTML 15Page - Analog Devices ADE7878ACPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
ADE7878
Rev. 0 | Page 12 of 92
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
NC
2
PM0
3
PM1
4
RESET
5
DVDD
6
DGND
7
IAP
8
IAN
9
IBP
10
NC
23 VAP
24 AVDD
25 AGND
26 VDD
27 CLKIN
28 CLKOUT
29 IRQ0
30 NC
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD SHOULD BE CONNECTED
TO AGND.
22 VBP
21 NC
TOP VIEW
(Not to Scale)
ADE7878
Figure 6. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10, 11, 20,
21, 30, 31, 40
NC
No Connect. These pins are not connected internally.
2
PM0
Power Mode Pin 0. This pin, combined with PM1, defines the power mode of the ADE7878, as
described in Table 8.
3
PM1
Power Mode Pin 1. This pin defines the power mode of the ADE7878 when combined with PM0, as
described in Table 8.
4
RESET
Reset Input, Active Low. In PSM0 mode, this pin should stay low for at least 10 μs to trigger a
hardware reset.
5
DVDD
This pin provides access to the on-chip 2.5 V digital LDO. Do not connect any external active
circuitry to this pin. Decouple this pin with a 4.7 μF capacitor in parallel with a ceramic 220 nF
capacitor.
6
DGND
Ground Reference. This pin provides the ground reference for the digital circuitry.
7, 8
IAP, IAN
Analog Inputs for Current Channel A. This channel is used with the current transducers and is
referenced in this document as Current Channel A. These inputs are fully differential voltage inputs
with a maximum differential level of ±0.5 V. This channel also has an internal PGA, equal to the ones
on Channel B and Channel C.
9, 12
IBP, IBN
Analog Inputs for Current Channel B. This channel is used with the current transducers and is
referenced in this document as Current Channel B. These inputs are fully differential voltage inputs
with a maximum differential level of ±0.5 V. This channel also has an internal PGA equal to the ones
on Channel C and Channel A.
13, 14
ICP, ICN
Analog Inputs for Current Channel C. This channel is used with the current transducers and is
referenced in this document as Current Channel C. These inputs are fully differential voltage inputs
with a maximum differential level of ±0.5 V. This channel also has an internal PGA equal to the ones
on Channel A and Channel B.
15, 16
INP, INN
Analog Inputs for Neutral Current Channel N. This channel is used with the current transducers and
is referenced in this document as Current Channel N. These inputs are fully differential voltage
inputs with a maximum differential level of ±0.5 V. This channel also has an internal PGA, different
from the ones found on the A, B, and C channels.
17
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal
value of 1.2 V. An external reference source with 1.2 V ± 8% can also be connected at this pin. In
either case, decouple this pin to AGND with a 4.7 μF capacitor in parallel with a ceramic 100 nF
capacitor. After reset, the on-chip reference is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com