Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 9Page - Analog Devices ADE7878ACPZ Datasheet HTML 10Page - Analog Devices ADE7878ACPZ Datasheet HTML 11Page - Analog Devices ADE7878ACPZ Datasheet HTML 12Page - Analog Devices ADE7878ACPZ Datasheet HTML 13Page - Analog Devices ADE7878ACPZ Datasheet HTML 14Page - Analog Devices ADE7878ACPZ Datasheet HTML 15Page - Analog Devices ADE7878ACPZ Datasheet HTML 16Page - Analog Devices ADE7878ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
ADE7878
Rev. 0 | Page 13 of 92
Pin No.
Mnemonic
Description
18, 19, 22, 23
VN, VCP, VBP, VAP
Analog Inputs for the Voltage Channel. This channel is used with the voltage transducer and is
referenced as the voltage channel in this document. These inputs are single-ended voltage inputs
with a maximum signal level of ±0.5 V with respect to VN for specified operation. This channel also
has an internal PGA.
24
AVDD
This pin provides access to the on-chip 2.5 V analog low dropout regulator (LDO). Do not connect
external active circuitry to this pin. Decouple this pin with a 4.7 μF capacitor in parallel with a
ceramic 220 nF capacitor.
25
AGND
Ground Reference. This pin provides the ground reference for the analog circuitry. Tie this pin to the
analog ground plane or to the quietest ground reference in the system. Use this quiet ground
reference for all analog circuitry, for example, antialiasing filters, current, and voltage transducers.
26
VDD
Suppy Voltage. This pin provides the supply voltage. In PSM0 (normal power mode), maintain the
supply voltage at 3.3 V ± 10% for specified operation. In PSM1 (reduced power mode), PSM2 (low
power mode), and PSM3 (sleep mode), when the ADE7878 is supplied from a battery, maintain the
supply voltage between 2.4 V and 3.7 V. Decouple this pin to DGND with a 10 μF capacitor in
parallel with a ceramic 100 nF capacitor.
27
CLKIN
Master Clock. An external clock can be provided at this logic input. Alternatively, a parallel resonant
AT-cut crystal can be connected across CLKIN and CLKOUT to provide a clock source for the
ADE7878. The clock frequency for specified operation is 16.384 MHz. Use ceramic load capacitors of
a few tens of picofarad with the gate oscillator circuit. Refer to the crystal manufacturer’s data sheet
for load capacitance requirements.
28
CLKOUT
A crystal can be connected across this pin and CLKIN (as previously described with Pin 27 in this
table) to provide a clock source for the ADE7878. The CLKOUT pin can drive one CMOS load when
either an external clock is supplied at CLKIN or a crystal is being used.
29, 32
IRQ0, IRQ1
Interrupt Request Outputs. These are active low logic outputs. See the Interrupts section for a
detailed presentation of the events that may trigger interrupts.
33, 34, 35
CF1, CF2,
CF3/HSCLK
Calibration Frequency (CF) Logic Outputs. These outputs provide power information based on the
CF1SEL, CF2SEL, and CF3SEL bits in the CFMODE register. These outputs are used for operational and
calibration purposes. The full-scale output frequency can be scaled by writing to the CF1DEN,
CF2DEN, and CF3DEN registers, respectively (see the Energy-to-Frequency Conversion section). CF3
is multiplexed with the serial clock output of the HSDC port.
36
SCLK/SCL
Serial Clock Input for SPI Port/Serial Clock Input for I2C Port. All serial data transfers are synchronized
to this clock (see the Serial Interfaces section). This pin has a Schmidt trigger input for use with a
clock source that has a slow edge transition time, for example, opto-isolator outputs.
37
MISO/HSD
Data Out for SPI Port/Data Out for HSDC Port.
38
MOSI/SDA
Data In for SPI Port/Data Out for I2C Port.
39
SS/HSA
Slave Select for SPI Port/HSDC Port Active.
EP
Exposed Pad
Connect the exposed pad to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com