Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 54 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 50Page - Analog Devices ADE7878ACPZ Datasheet HTML 51Page - Analog Devices ADE7878ACPZ Datasheet HTML 52Page - Analog Devices ADE7878ACPZ Datasheet HTML 53Page - Analog Devices ADE7878ACPZ Datasheet HTML 54Page - Analog Devices ADE7878ACPZ Datasheet HTML 55Page - Analog Devices ADE7878ACPZ Datasheet HTML 56Page - Analog Devices ADE7878ACPZ Datasheet HTML 57Page - Analog Devices ADE7878ACPZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
ADE7878
Rev. 0 | Page 54 of 92
where:
n is the discrete time sample number.
T is the sample period.
In the ADE7878, the phase apparent powers are accumulated in
the AVAHR[31:0], BVAHR[31:0], and CVAHR[31:0] 32-bit
signed registers. The apparent energy register content can roll
over to full-scale negative (0x80000000) and continue increasing
in value when the apparent power is positive. Conversely, if
because of offset compensation in the rms datapath, the apparent
power is negative, the energy register underflows to full-scale
positive (0x7FFFFFFF) and continues to decrease in value.
Bit 4 (VAEHF) in the STATUS0[31:0] register is set when Bit 30
of one of the xVAHR registers changes, signifying that one of
these registers is half full. Because the apparent power is always
positive and the xVAHR registers are signed, the VA-hour registers
become half full when they increment from 0x3FFFFFFF to
0x4000 0000. Interrupts attached to Bit VAEHF in the
STATUS0[31:0] register can be enabled by setting Bit 4 in the
MASK0[31:0] register. If enabled, the IRQ0 pin is set low and
the status bit is set to 1 whenever one of the Energy Registers
xVAHR becomes half full. The status bit is cleared and the IRQ0
pin is set to high by writing to the STATUS0 register with the
corresponding bit set to 1.
Setting Bit 6 (RSTREAD) of the LCYMODE[7:0] register
enables a read-with-reset for all xVAHR accumulation registers;
that is, the registers are reset to 0 after a read operation.
Integration Time Under Steady Load
The discrete time sample period for the accumulation register is
125 μs (8 kHz frequency). With full-scale pure sinusoidal signals
on the analog inputs, the average word value representing the
apparent power is PMAX. If the VATHR threshold register is set
at the PMAX level, this means the DSP generates a pulse that is
added at the xVAHR registers every 125 μs.
The maximum value that can be stored in the xVAHR
accumulation register before it overflows is 231 − 1 or
0x7FFFFFFF. The integration time is calculated as
Time = 0x7FFF,FFFF × 125 μs = 74 hr 33 min 55 sec
(45)
Energy Accumulation Mode
The apparent power accumulated in each accumulation register
depends on the configuration of Bits[5:4] (CONSEL) in the
ACCMODE[7:0] register. The various configurations are
described in Table 19.
Table 19. Inputs to VA-Hour Accumulation Registers
CONSEL[1,0]
AVAHR
BVAHR
CVAHR
00
AVRMS × AIRMS
BVRMS × BIRMS
CVRMS × CIRMS
01
AVRMS × AIRMS
0
CVRMS × CIRMS
10
AVRMS × AIRMS
BVRMS × BIRMS
CVRMS × CIRMS
VB = −VA − VC
11
AVRMS × AIRMS
BVRMS × BIRMS
CVRMS × CIRMS
VB = −VA
Line Cycle Apparent Energy Accumulation Mode
As described in the Line Cycle Active Energy Accumulation
Mode section, in line cycle energy accumulation mode, the
energy accumulation can be synchronized to the voltage channel
zero crossings allowing apparent energy to be accumulated over an
integral number of half-line cycles. In this mode, the ADE7878
transfers the apparent energy accumulated in the 32-bit internal
accumulation registers into xVAHR[31:0] registers after an
integral number of line cycles, as shown in Figure 68. The
number of half-line cycles is specified in the LINECYC[15:0]
register.
ZERO-
CROSSING
DETECTION
(PHASE A)
ZERO-
CROSSING
DETECTION
(PHASE B)
CALIBRATION
CONTROL
ZERO-
CROSSING
DETECTION
(PHASE C)
LINECYC[15:0]
AVAHR[31:0]
ZXSEL[0] IN
LCYCMODE[7:0]
ZXSEL[1] IN
LCYCMODE[7:0]
ZXSEL[2] IN
LCYCMODE[7:0]
AVAGAIN
AIRMS
AVRMS
ACCUMULATOR
VAHR[47:0]
32-BIT
REGISTER
Figure 68. Line Cycle Apparent Energy Accumulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com