Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 29Page - Analog Devices ADE7878ACPZ Datasheet HTML 30Page - Analog Devices ADE7878ACPZ Datasheet HTML 31Page - Analog Devices ADE7878ACPZ Datasheet HTML 32Page - Analog Devices ADE7878ACPZ Datasheet HTML 33Page - Analog Devices ADE7878ACPZ Datasheet HTML 34Page - Analog Devices ADE7878ACPZ Datasheet HTML 35Page - Analog Devices ADE7878ACPZ Datasheet HTML 36Page - Analog Devices ADE7878ACPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
ADE7878
Rev. 0 | Page 33 of 92
When the Phase B voltage falls below the indicated threshold
into the SAGLVL[23:0] register for two line cycles, Bit
VSPHASE[1] in the PHSTATUS[15:0] register is set to 1, and Bit
VSPHASE[0] is cleared to 0. Simultaneously, Bit 16 (sag) in the
STATUS1[31:0] register is set to 1 to indicate the condition.
Note that the internal zero-crossing counter is always active. By
setting the SAGLVL[23:0] register, the first SAG detection
result is, therefore, not executed across a full SAGCYC period.
Writing to the SAGCYC[7:0] register when the SAGLVL[23:0]
is already initialized resets the zero-crossing counter, thus
ensuring that the first SAG detection result is obtained across a
full SAGCYC period.
The recommended procedure to manage SAG events is the
following:
1.
Enable SAG interrupts in the MASK1[31:0] register by
setting Bit 16 (SAG) to 1.
2.
When a SAG event happens, the IRQ1 interrupt pin goes
low and Bit 16 (SAG) in the STATUS1[31:0] is set to 1.
3.
The STATUS1[31:0] register is read with Bit 16 (sag) set to 1.
4.
PHSTATUS[15:0] is read, identifying on which phase or
phases a SAG event happened.
5.
The STATUS1[31:0] register is written with Bit 16 (SAG)
set to 1. Immediately, the SAG bit and all Bits[14:12]
(VSPHASE[2:0]) of the PHSTATUS[15:0] register are
erased.
Sag Level Set
The content of the SAGLVL[23:0] SAG level register is
compared to the absolute value of the output from HPF. Writing
5,928,256 (0x5A7540) to the SAGLVL register, puts the SAG
detection level at full scale (see the Voltage Channel ADC
section), thus; the SAG event is triggered continuously. Writing
0x00 or 0x01 puts the SAG detection level at 0, therefore, the
SAG event is never triggered.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words. Similar to the register presented in
Figure 33, the SAGLVL register is accessed as a 32-bit register
with eight MSBs padded with 0s.
Peak Detection
The ADE7878 records the maximum absolute values reached by
the voltage and current channels over a certain number of half-
line cycles and stores them into the less significant 24 bits of the
VPEAK[31:0] and IPEAK[31:0] 32-bit registers.
The PEAKCYC[7:0] register contains the number of half-line
cycles used as a time base for the measurement. The circuit uses
the zero-crossing points identified by the zero-crossing detection
circuit. Bits[4:2] (PEAKSEL[2:0]) in the MMODE[7:0] register
select the phases upon which the peak measurement is performed.
Bit 2 selects Phase A, Bit 3 selects Phase B, and Bit 4 selects
Phase C. Selecting more than one phase to monitor the peak
values decreases proportionally the measurement period indi-
cated in the PEAKCYC[7:0] register because zero crossings
from more phases are involved in the process. When a new
peak value is determined, one of Bits[26:24] (IPPHASE[2:0] or
VPPHASE[2:0]) in the IPEAK[31:0] and VPEAK[31:0] registers
is set to 1, identifying the phase that triggered the peak detection
event. For example, if a peak value has been identified on Phase
A current, Bit 24 (IPPHASE[0]) in the IPEAK[31:0] register is
set to 1. If next time a new peak value is measured on Phase B,
then Bit 24 (IPPHASE[0]) of the IPEAK[31:0] register is cleared
to 0, and Bit 25 (IPPHASE[1]) of the IPEAK[31:0] register is set
to 1. Figure 47 shows the composition of the IPEAK and VPEAK
registers.
PEAK DETECTED
ON PHASE C
00000
31
27 26 25 24 23
0
24 BIT UNSIGNED NUMBER
PEAK DETECTED
ON PHASE A
IPPHASE/VPPHASE BITS
PEAK DETECTED
ON PHASE B
Figure 47. Composition of IPEAK[31:0] and VPEAK[31:0] Registers
PHASE A
CURRENT
PHASE B
CURRENT
BIT 24
OF IPEAK
BIT 25
OF IPEAK
PEAK VALUE WRITTEN INTO
IPEAK AT THE END OF FIRST
PEAKCYC PERIOD
END OF FIRST
PEAKCYC = 16 PERIOD
BIT 24 OF IPEAK
CLEARED TO 0 AT
THE END OF SECOND
PEAKCYC PERIOD
BIT 25 OF IPEAK
SET TO 1 AT THE
END OF SECOND
PEAKCYC PERIOD
END OF SECOND
PEAKCYC = 16 PERIOD
PEAK VALUE WRITTEN INTO
IPEAK AT THE END OF SECOND
PEAKCYC PERIOD
Figure 48. Peak Level Detection
Figure 48 shows how the ADE7878 records the peak value on
the current channel when measurements on Phase A and Phase B
are enabled (Bit PEAKSEL[2:0] in MMODE[7:0] are 011).
PEAKCYC[7:0] is set to 16, meaning that the peak measure-
ment cycle is four line periods. The maximum absolute value
of Phase A is the greatest during the first four line periods
(PEAKCYC = 16); therefore, the maximum absolute value is
written into the less significant 24 bits of the IPEAK[31:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com