Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 48Page - Analog Devices ADE7878ACPZ Datasheet HTML 49Page - Analog Devices ADE7878ACPZ Datasheet HTML 50Page - Analog Devices ADE7878ACPZ Datasheet HTML 51Page - Analog Devices ADE7878ACPZ Datasheet HTML 52Page - Analog Devices ADE7878ACPZ Datasheet HTML 53Page - Analog Devices ADE7878ACPZ Datasheet HTML 54Page - Analog Devices ADE7878ACPZ Datasheet HTML 55Page - Analog Devices ADE7878ACPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
ADE7878
Rev. 0 | Page 52 of 92
The ADE7878 stores the instantaneous phase apparent powers
into the AVA[23:0], BVA[23:0], and CVA[23:0] registers. Their
expression is
APPARENT POWER CALCULATION
Apparent power is defined as the maximum power that can be
delivered to a load. One way to obtain the apparent power is by
multiplying the voltage rms value by the current rms value (also
called the arithmetic apparent power) as follows:
4
2
1
×
×
×
=
PMAX
I
I
U
U
xVA
FS
FS
(40)
S = V rms × I rms
(39)
where:
U, I are the rms values of the phase voltage and current.
where:
UFS, IFS are the rms values of the phase voltage and current when
the ADC inputs are at full scale.
S is the apparent power
V rms and I rms are the rms voltage and current, respectively.
PMAX = 33,516,139, the instantaneous power computed when
the ADC inputs are at full scale and in phase.
The ADE7878 computes the arithmetic apparent power on each
phase. Figure 67 illustrates the signal processing in each phase
for the calculation of the apparent power in the ADE7878.
Because V rms and I rms contain all harmonic information,
the apparent power computed by the ADE7878 is a total apparent
power. The ADE7878 does not compute a fundamental apparent
power because it does not measure the rms values of the funda-
mental voltages and currents.
The xVA[23:0] waveform registers may be accessed using
various serial ports. Refer to the Waveform Sampling Mode
section for more details.
The ADE7878 can compute the apparent power in an alternative
way by multiplying the phase rms current by an rms voltage
introduced externally. See the Apparent Power Calculation
Using VNOM section for details.
AVAHR[31:0]
AVAGAIN
DIGITAL SIGNAL PROCESSOR
AIRMS
ACCUMULATOR
AVRMS
VATHR[47:0]
32 BIT REGISTER
Figure 67. Apparent Power Data Flow and Apparent Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com