Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 21Page - Analog Devices ADE7878ACPZ Datasheet HTML 22Page - Analog Devices ADE7878ACPZ Datasheet HTML 23Page - Analog Devices ADE7878ACPZ Datasheet HTML 24Page - Analog Devices ADE7878ACPZ Datasheet HTML 25Page - Analog Devices ADE7878ACPZ Datasheet HTML 26Page - Analog Devices ADE7878ACPZ Datasheet HTML 27Page - Analog Devices ADE7878ACPZ Datasheet HTML 28Page - Analog Devices ADE7878ACPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
ADE7878
Rev. 0 | Page 25 of 92
The Σ-Δ converter uses two techniques to achieve high resolu-
tion from what is essentially a 1-bit conversion technique. The
first is oversampling. Oversampling means that the signal is
sampled at a rate (frequency) that is many times higher than
the bandwidth of interest. For example, the sampling rate in
the ADE7878 is 1.024 MHz, and the bandwidth of interest is
40 Hz to 2 kHz. Oversampling has the effect of spreading the
quantization noise (noise due to sampling) over a wider band-
width. With the noise spread more thinly over a wider bandwidth,
the quantization noise in the band of interest is lowered, as
shown in Figure 28. However, oversampling alone is not efficient
enough to improve the signal-to-noise ratio (SNR) in the band
of interest. For example, an oversampling ratio of 4 is required
just to increase the SNR by only 6 dB (1 bit). To keep the over-
sampling ratio at a reasonable level, it is possible to shape the
quantization noise so that the majority of the noise lies at the
higher frequencies. In the Σ-Δ modulator, the noise is shaped
by the integrator, which has a high-pass-type response for the
quantization noise. This is the second technique used to achieve
high resolution. The result is that most of the noise is at the
higher frequencies where it can be removed by the digital low-
pass filter. This noise shaping is shown in Figure 28.
NOISE
SIGNAL
NOISE
SIGNAL
0
2 4
512
FREQUENCY (kHz)
HIGH RESOLUTION
OUTPUT FROM
DIGITAL LPF
1024
0
2 4
512
FREQUENCY (kHz)
1024
DIGITAL FILTER
SHAPED NOISE
ANTIALIAS FILTER
(RC)
SAMPLING
FREQUENCY
Figure 28. Noise Reduction Due to Oversampling and
Noise Shaping in the Analog Modulator
Antialiasing Filter
Figure 27 also shows an analog low-pass filter (RC) on the input
to the ADC. This filter is placed outside the ADE7878, and its
role is to prevent aliasing. Aliasing is an artifact of all sampled
systems and is illustrated in Figure 29. Aliasing means that
frequency components in the input signal to the ADC, which
are higher than half the sampling rate of the ADC, appear in the
sampled signal at a frequency below half the sampling rate.
Frequency components above half the sampling frequency (also
known as the Nyquist frequency, that is, 512 kHz) are imaged or
folded back down below 512 kHz. This happens with all ADCs
regardless of the architecture. In the example shown, only
frequencies near the sampling frequency, that is, 1.024 MHz,
move into the band of interest for metering, that is, 40 Hz to
2 kHz. To attenuate the high frequency (near 1.024 MHz) noise
and prevent the distortion of the band of interest, a low-pass
filer (LPF) must be introduced. For conventional current
sensors, it is recommended to use one RC filter with a corner
frequency of 5 kHz for the attenuation to be sufficiently high at
the sampling frequency of 1.024 MHz. The 20 dB per decade
attenuation of this filter is usually sufficient to eliminate the
effects of aliasing for conventional current sensors. However, for a
di/dt sensor such as a Rogowski coil, the sensor has a 20 dB per
decade gain. This neutralizes the 20 dB per decade attenuation
produced by the LPF. Therefore, when using a di/dt sensor, take
care to offset the 20 dB per decade gain. One simple approach is
to cascade one additional RC filter; thus, a −40 dB per decade
attenuation is produced.
ALIASING EFFECTS
SAMPLING
FREQUENCY
IMAGE
FREQUENCIES
0
2
4
512
FREQUENCY (kHz)
1024
Figure 29. Aliasing Effects
ADC Transfer Function
All ADCs in the ADE7878 are designed to produce the same
24-bit signed output code for the same input signal level. With a
full-scale input signal of 0.5 V and an internal reference of 1.2 V,
the ADC output code is nominally 5,928,256 (0x5A7540). The
code from the ADC may vary between 0x800000 (−8,388,608)
and 0x7FFFFF (+8,388,607); this is equivalent to an input signal
level of ±0.707 V. However, for specified performance, it is
recommended not to exceed the nominal range of ±0.5 V. The
ADC performance is guaranteed only for input signals lower
than ±0.5 V.
CURRENT CHANNEL ADC
Figure 30 shows the ADC and signal processing path for
Input IA of the current channels (it is the same for IB and IC).
The ADC outputs are signed twos complement 24-bit data-
words and are available at a rate of 8 kSPS (thousand samples
per second). With the specified full-scale analog input signal
of ±0.5 V, the ADC produces its maximum output code value.
Figure 30 shows a full-scale voltage signal applied to the differ-
ential inputs (IAP and IAN). The ADC output swings between
−5,928,256 (0xA58AC0) and +5,928,256 (0x5A7540). The
input, IN, corresponds to the neutral current of a 3-phase
system. If no neutral line is present, then connect this input to
AGND. The datapath of the neutral current is similar to the
path of the phase currents and is presented in Figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com