Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 22Page - Analog Devices ADE7878ACPZ Datasheet HTML 23Page - Analog Devices ADE7878ACPZ Datasheet HTML 24Page - Analog Devices ADE7878ACPZ Datasheet HTML 25Page - Analog Devices ADE7878ACPZ Datasheet HTML 26Page - Analog Devices ADE7878ACPZ Datasheet HTML 27Page - Analog Devices ADE7878ACPZ Datasheet HTML 28Page - Analog Devices ADE7878ACPZ Datasheet HTML 29Page - Analog Devices ADE7878ACPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
ADE7878
Rev. 0 | Page 26 of 92
AIGAIN[23:0]
DSP
REFERENCE
HPFDIS
[23:0]
DIGITAL
INTEGRATOR
INTEN BIT
CONFIG[0]
TOTAL/FUNDAMENTAL
ACTIVE AND REACTIVE
POWER CALCULATION
CURRENT PEAK,
OVERCURRENT
DETECT
IAWV WAVEFORM
SAMPLE REGISTER
CURRENT RMS (IRMS)
CALCULATION
HPF
ADC
PGA1
IAP
ZX DETECTION
PGA1 BITS
GAIN[2:0]
×1, ×2, ×4, ×8, ×16
VIN
VIN
IAN
ANALOG INPUT RANGE
ANALOG OUTPUT RANGE
0x5A7540 =
+5,928,256
ZX SIGNAL
DATA RANGE
0V
0xA58AC0 =
–5,928,256
0x5A7540 =
+5,928,256
CURRENT CHANNE L
DATA RANGE AFTER
INTEGRATION
0V
0xA58AC0 =
–5,928,256
0x5A7540 =
+5,928,256
CURRENT CHANNEL
DATA RANGE
0V
0xA58AC0 =
–5,928,256
+0.5V/GAIN
–0.5V/GAIN
0V
LPF1
Figure 30. Current Channel Signal Path
NIGAIN[23:0]
DSP
REFERENCE
DIGITAL
INTEGRATOR
INTEN BIT
CONFIG[0]
INWV WAVEFORM
SAMPLE REGISTER
CURRENT RMS (IRMS)
CALCULATION
HPF
ADC
PGA2
INP
PGA2 BITS
GAIN[5:3]
×1, ×2, ×4, ×8, ×16
VIN
INN
Figure 31. Neutral Current Signal Path
Current Waveform Gain Registers
There is a multiplier in the signal path of each phase and
neutral current. The current waveform can be changed by
±100% by writing a correspondent twos complement number to
the 24-bit signed current waveform gain registers (AIGAIN[23:0],
BIGAIN[23:0], CIGAIN[23:0], and NIGAIN[23:0]). For
example, if 0x400000 is written to those registers, the ADC
output is scaled up by 50%. To scale the input by −50%, write
0xC00000 to the registers. Equation 3 describes mathematically
the function of the current waveform gain registers.
Current Waveform =
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
23
2
1
Register
Gain
Current
of
Content
Output
ADC
(3)
Changing the content of AIGAIN[23:0], BIGAIN[23:0],
CIGAIN[23:0], or INGAIN[23:0] affects all calculations based
on its current; that is, it affects the corresponding phase active/
reactive/apparent energy and current rms calculation. In
addition, waveform samples scale accordingly.
Note that the serial ports of the ADE7878 work on 32-, 16-, or
8-bit words, and the DSP works on 28 bits. The 24-bit AIGAIN,
BIGAIN, CIGAIN, and NIGAIN registers are accessed as 32-bit
registers with the four most significant bits (MSBs) padded with
0s and sign extended to 28 bits. See Figure 32 for details.
31
28 27
24 23
0
24-BIT NUMBER
0000
BITS[27:24] ARE
EQUAL TO BIT 23
BIT 23 IS A SIGN BIT
Figure 32. 24-Bit xIGAIN Transmitted as 32-Bit Words
Current Channel HPF
The ADC outputs can contain a dc offset. This offset can create
errors in power and rms calculations. High-pass filters (HPFs)
are placed in the signal path of the phase and neutral currents
and of the phase voltages. If enabled, the HPF eliminates any dc
offset on the current channel. All filters are implemented in the
DSP and, by default, they are all enabled: the 24-bit HPFDIS[23:0]
register is cleared to 0x00000000. All filters are disabled by
setting HPHDIS[23:0] to any non zero value.
As previously stated, the serial ports of the ADE7878 work on
32-, 16- or 8-bit words. The HPFDIS register is accessed as a
32-bit register with eight MSBs padded with 0s. See Figure 33
for details.
31
24
23
0
24-BIT NUMBER
0000
0000
Figure 33. 24-Bit HPFDIS Register Transmitted as 32-Bit Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com