Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 36Page - Analog Devices ADE7878ACPZ Datasheet HTML 37Page - Analog Devices ADE7878ACPZ Datasheet HTML 38Page - Analog Devices ADE7878ACPZ Datasheet HTML 39Page - Analog Devices ADE7878ACPZ Datasheet HTML 40Page - Analog Devices ADE7878ACPZ Datasheet HTML 41Page - Analog Devices ADE7878ACPZ Datasheet HTML 42Page - Analog Devices ADE7878ACPZ Datasheet HTML 43Page - Analog Devices ADE7878ACPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
ADE7878
Rev. 0 | Page 40 of 92
Voltage Channel RMS Calculation
Figure 57 shows the detail of the signal processing chain for the
rms calculation on one of the phases of the voltage channel. The
voltage channel rms value is processed from the samples used in
the voltage channel. The voltage rms values are signed 24-bit
values, and they are stored into the AVRMS[23:0], BVRMS[23:0],
and CVRMS[23:0] registers. The update rate of the current rms
measurement is 8 kHz.
With the specified full-scale analog input signal of 0.5 V, the
ADC produces an output code that is approximately ±5,928,256.
The equivalent rms value of a full-scale sinusoidal signal is
4,191,910 (0x3FF6A6), independent of the line frequency.
The accuracy of the voltage rms is typically 0.1% error from the
full-scale input down to 1/1000 of the full-scale input. Additionally,
this measurement has a bandwidth of 2 kHz. It is recommended
to read the rms registers synchronous to the voltage zero
crossings to ensure stability. The IRQ1 interrupt can be used to
indicate when a zero crossing has occurred (see the
section).
Interrupts
The settling time for the V rms measurement is 440 ms for both
50 Hz and 60 Hz input signals. The V rms measurement is the
time it takes for the rms register to reflect the value at the input
to the voltage channel when starting from 0.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words. Similar to the register presented in
Figure 33, the AVRMS, BVRMS, and CVRMS 24-bit signed
registers are accessed as 32-bit registers with the eight MSBs
padded with 0s.
0xA58AC0 =
–5,928,256
0x5A7540 =
5,928,256
0V
VOLTAGE SIGNAL
FROM HPF
LPF
x2
√
27
xVRMSOS[23:0]
xVRMS[23:0]
Figure 57. Voltage RMS Signal Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com