Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 43Page - Analog Devices ADE7878ACPZ Datasheet HTML 44Page - Analog Devices ADE7878ACPZ Datasheet HTML 45Page - Analog Devices ADE7878ACPZ Datasheet HTML 46Page - Analog Devices ADE7878ACPZ Datasheet HTML 47Page - Analog Devices ADE7878ACPZ Datasheet HTML 48Page - Analog Devices ADE7878ACPZ Datasheet HTML 49Page - Analog Devices ADE7878ACPZ Datasheet HTML 50Page - Analog Devices ADE7878ACPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
ADE7878
Rev. 0 | Page 47 of 92
IRQ0 pin is set to high again by writing to the STATUS0
register with the corresponding bit set to 1.
Because the active power is integrated on an integer number of
half-line cycles in this mode, the sinusoidal components are
reduced to 0, eliminating any ripple in the energy calculation.
Therefore, total energy accumulated using the line cycle
accumulation mode is
()
()
∑
∫
∞
=
+
−
=
=
1
cos
k
k
k
k
k
nT
t
t
γ
I
V
nT
dt
t
p
e
(28)
where nT is the accumulation time.
Note that line cycle active energy accumulation uses the same
signal path as the active energy accumulation. The LSB size of
these two methods is equivalent.
REACTIVE POWER CALCULATION
The ADE7878 computes the total reactive power on every
phase. Total reactive power integrates all fundamental and
harmonic components of the voltages and currents. ADE7878
also computes the fundamental reactive power, the power
determined only by the fundamental components of the
voltages and currents.
A load that contains a reactive element (inductor or capacitor)
produces a phase difference between the applied ac voltage and
the resulting current. The power associated with reactive elements
is called reactive power, and its unit is VAR. Reactive power is
defined as the product of the voltage and current waveforms when
all harmonic components of one of these signals are phase
shifted by 90°.
Equation 31 gives an expression for the instantaneous reactive
power signal in an ac system when the phase of the current
channel is shifted by +90°.
∑
∞
=
=
1
2
)
(
k
k
V
t
v
sin(
kωt + φk)
(29)
()
k
k
k
γ
t
ω
k
I
t
i
+
=
∑
∞
=
sin
2
)
(
1
(30)
⎟
⎠
⎞
⎜
⎝
⎛
+
+
=
∑
∞
=
2
sin
2
)
(
'
1
π
γ
t
ω
k
I
t
i
k
k
k
where iʹ(t) is the current waveform with all harmonic
components phase shifted by 90°.
Next, the instantaneous Reactive Power q(t) can be expressed as
q(t) = v(t) × iʹ(t)
(31)
∑
∞
=
×
=
1
2
)
(
k
k
k I
V
t
q
sin(
kωt + φk) × sin(kωt + γk +
2
π
) +
× 2sin(kωt + φk) × sin(mωt + γm +
∑
∞
≠
=
m
k
m
k
m
k I
V
1
,
2
π
)
Note that q(t) can be rewritten as
∑
∞
=
=
1
)
(
k
k
k I
V
t
q
{cos(φ
k
−
γk −
2
π ) − cos(2 kωt + φ
k
+
γk +
2
π )} +
∑
∞
≠
=
m
k
m
k
m
kI
V
1
,
{cos[(k – m)ωt + φ
k
−
γk −
2
π ]
}
(32)
The average total reactive power over an integral number of line
cycles (n) is given by the expression in Equation 33.
()
∫
∑
∞
=
=
=
nT
0
1
dt
nT
1
k
k
k I
V
t
q
Q
cos(
φk – γk −
2
π
)
(33)
∑
∞
=
=
1
k
k
k I
V
Q
sin(φk – γk)
where:
T is the period of the line cycle.
Q is referred to as the total reactive power. Note that the total
reactive power is equal to the dc component of the instantaneous
reactive power signal q(t) in Equation 32, that is,
∑
∞
=1
k
k
k I
V
sin(φk – γk)
This is the relationship used to calculate the total reactive power
in the ADE7878 for each phase. The instantaneous reactive
Power Signal q(t) is generated by multiplying each harmonic of
the voltage signals by the 90° phase-shifted corresponding
harmonic of the current in each phase.
The ADE7878 stores the instantaneous total phase reactive
powers into the AVAR[23:0], BVAR[23:0], and CVAR[23:0]
registers. Their expression is
∑
∞
=
×
×
=
1
k
FS
k
FS
k
I
I
U
U
xVAR
sin(φk – γk) × PMAX ×
4
2
1
(34)
where:
UFS, IFS are the rms values of the phase voltage and current when
the ADC inputs are at full scale.
PMAX = 33,516,139, the instantaneous power computed when
the ADC inputs are at full scale and in phase.
The xVAR[23:0] waveform registers can be accessed using
various serial ports. Refer to the Waveform Sampling Mode
section for more details.
The expression of fundamental reactive power is obtained from
Equation 37 with k = 1, as follows:
FQ = V1I1 cos(φ1 – γ1)
The ADE7878 computes the fundamental reactive power using
a proprietary algorithm that requires some initialization function
of the frequency of the network and its nominal voltage measured
in the voltage channel. These initializations are introduced in
the Active Power Calculation section and are common for both
fundamental active and reactive powers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com