Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 30Page - Analog Devices ADE7878ACPZ Datasheet HTML 31Page - Analog Devices ADE7878ACPZ Datasheet HTML 32Page - Analog Devices ADE7878ACPZ Datasheet HTML 33Page - Analog Devices ADE7878ACPZ Datasheet HTML 34Page - Analog Devices ADE7878ACPZ Datasheet HTML 35Page - Analog Devices ADE7878ACPZ Datasheet HTML 36Page - Analog Devices ADE7878ACPZ Datasheet HTML 37Page - Analog Devices ADE7878ACPZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
ADE7878
Rev. 0 | Page 34 of 92
register, and Bit 24 (IPPHASE[0]) of the IPEAK[31:0] register is
set to 1 at the end of the period. This bit remains at 1 for the
duration of the second PEAKCYC period of four line cycles.
The maximum absolute value of Phase B is the greatest during
the second PEAKCYC period; therefore, the maximum absolute
value is written into the less significant 24 bits of the IPEAK
register, and Bit 25 (IPPHASE[1]) in the IPEAK register is set to
1 at the end of the period.
At the end of the peak detection period in the current channel,
Bit 23 (PKI) in the STATUS1[31:0] register is set to 1. If Bit 23
(PKI) in the MASK1[31:0] register is set, then the IRQ1 interrupt
pin is driven low at the end of the PEAKCYC period, and Status
Bit 23 (PKI) in the STATUS1[31:0] register is set to 1. In a
similar way, at the end of the peak detection period in the voltage
channel, Bit 24 (PKV) in the STATUS1[31:0] register is set to 1.
If Bit 24 (PKV) in the MASK1[31:0] register is set, then the
IRQ1 interrupt pin is driven low at the end of the PEAKCYC
period and Status Bit 24 (PKV) in the STATUS1[31:0] is set to 1.
To find the phase that triggered the interrupt, one of either the
IPEAK[31:0] or VPEAK[31:0] registers is read immediately after
reading the STATUS1[31:0] register. Then the status bits are
cleared and the IRQ1 pin is set to high by writing to the
STATUS1[31:0] register with the status bit set to 1.
Note that the internal zero-crossing counter is always active. By
setting Bits [4:2] (PEAKSEL[2:0]) in the MMODE[7:0] register,
the first peak detection result is not executed across a full
PEAKCYC period. Writing to the PEAKCYC[7:0] register when
the PEAKSEL[2:0] bits are set resets the zero-crossing counter,
thereby ensuring that the first peak detection result is obtained
across a full PEAKCYC period.
Overvoltage and Overcurrent Detection
The ADE7878 detects when the instantaneous absolute value
measured on the voltage and current channels becomes greater
than the thresholds set in the OVLVL[23:0] and OILVL[23:0]
24-bit unsigned registers. If Bit 18 (OV) in the MASK1[31:0]
register is set, the IRQ1 interrupt pin is driven low in case of an
overvoltage event. There are two status flags set when the IRQ1
interrupt pin is driven low: Bit 18 (OV) in the STATUS1[31:0]
register and one of Bits[11:9] (OVPHASE[2:0]) in the
PHSTATUS[15:0] register to identify the phase that generated
the overvoltage.
The Status Bit 18 (OV) in the STATUS1[31:0] register and all
Bits[11:9] (OVPHASE[2:0]) in the PHSTATUS[15:0] register
are cleared and the IRQ1 pin is set to high by writing to the
STATUS1[31:0] register with the status bit set to 1.
presents overvoltage detection in Phase A voltage.
Figure 49
OVLVL[23:0]
BIT 18 (OV) OF
STATUS1
BIT 9 (OVPHASE)
OF PHSTATUS
PHASE A
VOLTAGE CHANNEL
OVERVOLTAGE
DETECTED
STATUS1[18] AND
PHSTATUS[9]
CANCELLED BY A
WRITE OF STATUS1
WITH OV BIT SET.
Figure 49. Overvoltage Detection
Whenever the absolute instantaneous value of the voltage goes
above the threshold from the OVLVL[23:0] register, Bit 18 (OV)
in the STATUS1[31:0] register and Bit 9 (OVPHASE[0]) in the
PHSTATUS[15:0] register are set to 1. Bit 18 (OV) of the
STATUS1[31:0] register and Bit 9 (OVPHASE[0]) in the
PHSTATUS[15:0] register are cancelled when the STATUS1
register is written with Bit 18 (OV) set to 1.
The recommended procedure to manage overvoltage events is
the following:
1.
Enable OV interrupts in the MASK1[31:0] register by
setting Bit 18 (OV) to 1.
2.
When an overvoltage event happens, the IRQ1 interrupt
pin goes low.
3.
The STATUS1[31:0] register is read with Bit 18 (OV) set to 1.
4.
The PHSTATUS[15:0] register is read, identifying on
which phase or phases an overvoltage event happened.
5.
The STATUS1[31:0] register is written with Bit 18 (OV) set
to 1. In this moment, Bit OV is erased as are all Bits[11:9]
(OVPHASE[2:0]) of the PHSTATUS[15:0] register.
In case of an overcurrent event, if Bit 17 (OI) in the MASK1[31:0]
register is set, the IRQ1 interrupt pin is driven low. Immediately,
Bit 17 (OI) in the STATUS1[31:0] register and one of Bits[5:3]
(OIPHASE[2:0]) in the PHSTATUS[15:0] register, which
identify the phase that generated the interrupt, are set. To find
the phase that triggered the interrupt, the PHSTATUS[15:0]
register is read immediately after reading the STATUS1[31:0]
register. Then, the Status Bit 17 (OI) in the STATUS1[31:0]
register and Bits[5:3] (OIPHASE[2:0]) in the PHSTATUS[15:0]
register are cleared and the IRQ1 pin is set to high by writing to
the STATUS1[31:0] register with the status bit set to 1. The
process is similar with overvoltage detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com