Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 88 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 88 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 84Page - Analog Devices ADE7878ACPZ Datasheet HTML 85Page - Analog Devices ADE7878ACPZ Datasheet HTML 86Page - Analog Devices ADE7878ACPZ Datasheet HTML 87Page - Analog Devices ADE7878ACPZ Datasheet HTML 88Page - Analog Devices ADE7878ACPZ Datasheet HTML 89Page - Analog Devices ADE7878ACPZ Datasheet HTML 90Page - Analog Devices ADE7878ACPZ Datasheet HTML 91Page - Analog Devices ADE7878ACPZ Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
ADE7878
Rev. 0| Page 88 of 92
Table 45. CONSEL[1:0] Bits in Energy Registers
Energy Registers
CONSEL[1:0]=00
CONSEL[1:0]=01
CONSEL[1:0]=10
CONSEL[1:0]=11
AWATTHR, AFWATTHR
VA × IA
VA × IA
VA × IA
VA × IA
BWATTHR, BFWATTHR
VB × IB
0
VB = −VA − VC
VB = −VA
VB × IB
VB × IB
CWATTHR, CFWATTHR
VC × IC
VC × IC
VC x IC
VC × IC
AVARHR, AFVARHR
VA × IA’
VA x IA’
VA × IA’
VA × IA’
BVARHR, BFVARHR
VB × IB’
0
VB = −VA − VC
VB = −VA
VB × IB’
VB × IB’
CVARHR, CFVARHR
VC ×IC’
VC × IC’
VC × IC’
VC × IC’
AVAHR
VA rms × IA rms
VA rms × IA rms
VA rms × IA rms
VA rms × IA rms
BVAHR
VB rms × IB rms
0
VB rms × IB rms
VB rms × IB rms
CVAHR
VC rms × IC rms
VC rms × IC rms
VC rms × IC rms
VC rms × IC rms
Table 46. LCYCMODE Register (Address 0xE702)
Bit
Location
Bit Name
Default Value
Description
0
LWATT
0
0: the watt-hour accumulation registers (AWATTHR, BWATTHR, CWATTHR, AFWATTHR, BFWATTHR,
and CFWATTHR) are placed in regular accumulation mode.
1: the watt-hour accumulation registers (AWATTHR, BWATTHR, CWATTHR, AFWATTHR, BFWATTHR,
and CFWATTHR) are placed into line-cycle accumulation mode.
1
LVAR
0
0: the var-hour accumulation registers (AVARHR, BVARHR, CVARHR) are placed in regular
accumulation mode.
1: the var-hour accumulation registers (AVARHR, BVARHR, CVARHR) are placed into line-cycle
accumulation mode.
2
LVA
0
0: the VA-hour accumulation registers (AVAHR, BVAHR, CVAHR) are placed in regular
accumulation mode.
1: the VA-hour accumulation registers (AVAHR, BVAHR, CVAHR) are placed into line-cycle
accumulation mode.
3
ZXSEL[0]
1
0: Phase A is not selected for zero-crossings counts in the line cycle accumulation mode.
1: Phase A is selected for zero-crossings counts in the line cycle accumulation mode. If more than
one phase is selected for zero-crossing detection, the accumulation time is shortened accordingly.
4
ZXSEL[1]
1
0: Phase B is not selected for zero-crossings counts in the line cycle accumulation mode.
1: Phase B is selected for zero-crossings counts in the line cycle accumulation mode.
5
ZXSEL[2]
1
0: Phase C is not selected for zero-crossings counts in the line cycle accumulation mode.
1: Phase C is selected for zero-crossings counts in the line cycle accumulation mode.
6
RSTREAD
1
0: read-with-reset of all energy registers is disabled. Clear this bit to 0 when Bits[2:0] (LWATT,
LVAR, LVA) are set to 1.
1: enables read-with-reset of all xWATTHR, xVARHR, xVAHR, xFWATTHR, and xFVARHR registers.
This means that a read of those registers resets them to 0.
7
Reserved
0
Reserved. This bit does not manage any functionality.
Table 47. HSDC_CFG Register (Address 0xE706)
Bit Location
Bit Name
Default Value
Description
0
HCLK
0
0: HSCLK is 8 MHz.
1: HSCLK is 4 MHz.
1
HSIZE
0
0: HSDC transmits the 32-bit registers in 32-bit packages, most significant bit first.
1: HSDC transmits the 32-bit registers in 8-bit packages, most significant bit first.
2
HGAP
0
0: no gap is introduced between packages.
1: a gap of seven HCLK cycles is introduced between packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com