Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 53 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 49Page - Analog Devices ADE7878ACPZ Datasheet HTML 50Page - Analog Devices ADE7878ACPZ Datasheet HTML 51Page - Analog Devices ADE7878ACPZ Datasheet HTML 52Page - Analog Devices ADE7878ACPZ Datasheet HTML 53Page - Analog Devices ADE7878ACPZ Datasheet HTML 54Page - Analog Devices ADE7878ACPZ Datasheet HTML 55Page - Analog Devices ADE7878ACPZ Datasheet HTML 56Page - Analog Devices ADE7878ACPZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
ADE7878
Rev. 0 | Page 53 of 92
Apparent Power Gain Calibration
The average apparent power result in each phase can be scaled
by ±100% by writing to the phase’s VAGAIN 24-bit register
(AVAGAIN[23:0], BVAGAIN[23:0], or CVAG AIN[23:0]). The
VAGAIN registers are twos complement signed registers and
have a resolution of 2−23/LSB. The function of the xVAGAIN
registers is expressed mathematically as
⎟
⎠
⎞
⎜
⎝
⎛
+
×
×
=
23
2
1
Register
VAGAIN
Irms
Vrms
Power
Apparent
Average
(41)
The output is scaled by –50% by writing 0xC00000 to the
xVAGAIN registers and increased by +50% by writing
0x400000 to them. These registers can be used to calibrate the
apparent power (or energy) calculation in the ADE7878 for
each phase.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. Similar
to registers presented in Figure 32, the AVAGAIN, BVAGAIN,
and CVAGAIN 24-bit registers are accessed as 32-bit registers
with the four MSBs padded with 0s and sign extended to 28 bits.
Apparent Power Offset Calibration
Each rms measurement includes an offset compensation register
to calibrate and eliminate the dc component in the rms value
(see the Root Mean Square Measurement section). The voltage
and current rms values are then multiplied together in the
apparent power signal processing. Because no additional offsets
are created in the multiplication of the rms values, there is no
specific offset compensation in the apparent power signal
processing. The offset compensation of the apparent power
measurement in each phase should be done by calibrating each
individual rms measurement.
Apparent Power Calculation Using VNOM
The ADE7878 can compute the apparent power by multiplying
the phase rms current by an rms voltage introduced externally
in the VNOM[23:0] 24-bit signed register. When one of
Bits[13:11] (VNOMCEN, VNOMBEN, or VNOMAEN) in the
COMPMODE[15:0] register is set to 1, the apparent power in
the corresponding phase (Phase x for VNOMxEN) is computed
in this way. When the VNOMxEN bits are cleared to 0, the
default value, then the arithmetic apparent power is computed.
The VNOM[23:0] register contains a number determined by U,
the desired rms voltage, and UFS, the rms value of the phase
voltage when the ADC inputs are at full scale as follows:
910
,
191
,
4
×
=
FS
U
U
VNOM
(42)
where U is the nominal phase rms voltage.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words. Similar to the register presented in
Figure 33, the VNOM 24-bit signed register is accessed as a
32-bit register with the eight MSBs padded with 0s.
Apparent Energy Calculation
Apparent energy is defined as the integral of apparent power.
Apparent Energy
= ∫s(t)dt
(43)
Similar to active and reactive powers, the ADE7878 achieves the
integration of the apparent power signal in two stages (see
Figure 67). The first stage is conducted inside the DSP: every
125 μs (8 kHz frequency), the instantaneous phase apparent
power is accumulated into an internal register. When a
threshold is reached, a pulse is generated at the processor port,
and the threshold is subtracted from the internal register. The
second stage is conducted outside the DSP and consists of
accumulating the pulses generated by the processor into
internal 32-bit accumulation registers. The content of these
registers is transferred to the VA-hour registers, xVAHR[31:0],
when these registers are accessed. Figure 62 from the Active
Energy Calculation section illustrates this process. The
VATHR[47:0] 48-bit register contains the threshold. Its value
depends on how much energy is assigned to one LSB of the
VA-hour registers. Supposing a derivative of apparent energy
(VAh) of [10n VAh], where n is an integer, is desired as one LSB
of the xVAHR register, then, the xVATHR register can be
computed using the following equation:
FS
FS
n
s
I
U
f
PMAX
VATHR
×
×
×
×
=
10
3600
where:
PMAX = 33,516,139 = 0x1FF6A6B, the instantaneous power
computed when the ADC inputs are at full scale.
fS = 8 kHz, the frequency with which the DSP computes the
instantaneous power.
UFS, IFS are the rms values of the phase voltages and currents
when the ADC inputs are at full scale.
VATHR[47:0] is a 48-bit register. As previously stated, the serial
ports of the ADE7878 work on 32-, 16-, or 8-bit words. Similar
to the WTHR[47:0] register presented in Figure 63, VATHR[47:0]
is accessed as two 32-bit registers (VATHR1[31:0] and
VATHR0[31:0]), each having eight MSBs padded with 0s.
This discrete time accumulation or summation is equivalent to
integration in continuous time following the description in
Equation 44.
()
()
⎭
⎬
⎫
⎩
⎨
⎧
×
=
=
∑
∫
∞
=
→
0
0
T
Lim
n
T
nT
s
dt
t
s
ergy
ApparentEn
(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com