Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 45Page - Analog Devices ADE7878ACPZ Datasheet HTML 46Page - Analog Devices ADE7878ACPZ Datasheet HTML 47Page - Analog Devices ADE7878ACPZ Datasheet HTML 48Page - Analog Devices ADE7878ACPZ Datasheet HTML 49Page - Analog Devices ADE7878ACPZ Datasheet HTML 50Page - Analog Devices ADE7878ACPZ Datasheet HTML 51Page - Analog Devices ADE7878ACPZ Datasheet HTML 52Page - Analog Devices ADE7878ACPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
ADE7878
Rev. 0 | Page 49 of 92
Table 17. Sign of Reactive Power Calculation
Φ1
Integrator
Sign of Reactive Power
Between 0 to +90
Off
Positive
Between −90 to 0
Off
Negative
Between 0 to +90
On
Positive
Between −90 to 0
On
Negative
1 Φ is defined as the phase angle of the voltage signal minus the current
signal; that is, Φ is positive if the load is inductive and negative if the load is
capacitive.
Reactive Energy Calculation
Reactive energy is defined as the integral of reactive power.
Reactive Energy = ∫q(t)dt
(36)
Both total and fundamental reactive energy accumulations are
always a signed operation. Negative energy is subtracted from
the reactive energy contents.
Similar to active power, the ADE7878 achieves the integration
of the reactive power signal in two stages (see Figure 65). The
process is identical for both total and fundamental active
powers.
•
The first stage is conducted inside the DSP: every 125 μs
(8 kHz frequency), the instantaneous phase total reactive
or fundamental power is accumulated into an internal
register. When a threshold is reached, a pulse is generated
at processor port and the threshold is subtracted from the
internal register. The sign of the energy in this moment is
considered the sign of the reactive power (see the Sign of
Reactive Power Calculation section for details).
•
The second stage is done outside the DSP and consists of
accumulating the pulses generated by the processor into
internal 32-bit accumulation registers. The content of these
registers is transferred to the var-hour registers (Registers
xVARHR[31:0] and xFVARHR[31:0]) when these registers
are accessed. AVARHR[31:0], BVARHR[31:0],
CVARHR[31:0], AFWATTHR[31:0], BFWATTHR[31:0],
and CFWATTHR[31:0] represent phase fundamental
reactive powers.
Figure 62 in the Active Energy Calculation section explains this
process. The VARTHR[47:0] 48-bit signed register contains the
threshold, and it is introduced by the user. It is common for
both total and fundamental phase reactive powers. Its value
depends on how much energy is assigned to one LSB of var-
hour registers. Supposing a derivative of a volt ampere reactive
hour (varh) at [10n varh] where n is an integer is desired as one
LSB of the VARHR register. Then, the VARTHR register can be
computed using the following equation:
FS
FS
n
s
I
U
f
PMAX
VARTHR
×
⋅
×
×
=
10
3600
where:
PMAX = 33,516,139 = 0x1FF6A6B, the instantaneous power
computed when the ADC inputs are at full scale.
fS = 8 kHz, the frequency with which the DSP computes the
instantaneous power.
UFS, IFS are the rms values of phase voltages and currents when
the ADC inputs are at full scale.
The maximum value that may be written on VARTHR[47:0] is
247 − 1. The minimum value is 0x0, but it is recommended to
write a number equal to or greater than PMAX. Never use
negative numbers.
The VARTHR[47:0] is a 48-bit register. As previously stated, the
serial ports of the ADE7878 work on 32-, 16-, or 8-bit words.
Similar to the WTHR[47:0] register shown in Figure 63,
VARTHR[47:0] is accessed as two 32-bit registers
(VARTHR1[31:0] and VARTHR0[31:0]), each having eight MSBs
padded with 0s.
This discrete time accumulation or summation is equivalent to
integration in continuous time following the expression in
Equation 37
()
()
⎭
⎬
⎫
⎩
⎨
⎧
×
=
=
∑
∫
∞
=
→
0
0
T
Lim
Re
n
T
nT
q
dt
t
q
gy
activeEner
(37)
where:
n is the discrete time sample number.
T is the sample period.
On the ADE7878, the total phase reactive powers are
accumulated in the AVARHR[31:0], BVARHR[31:0], and
CVARHR[31:0] 32-bit signed registers. The fundamental phase
reactive powers are accumulated in the AFVARHR[31:0],
BFVARHR[31:0], and CFVARHR[31:0] 32-bit signed registers.
The reactive energy register content can roll over to full-scale
negative (0x80000000) and continue increasing in value when
the reactive power is positive. Conversely, if the reactive power
is negative, the energy register underflows to full-scale positive
(0x7FFFFFFF) and continues to decrease in value.
Bit 2 (REHF) in the STATUS0[31:0] register is set when Bit 30
of one of the xVARHR registers changes, signifying that one of
these registers is half full. If the reactive power is positive, the
var-hour register becomes half full when it increments from
0x3FFF FFFF to 0x4000 0000. If the reactive power is negative,
the var-hour register becomes half full when it decrements from
0xC000 0000 to 0xBFFF FFFF. Analogously, Bit 3 (FREHF) in the
STATUS0[31:0] register is set when Bit 30 of one of the
xFVARHR registers changes, signifying that one of these
registers is half full.
Setting Bits[3:2] in the MASK0[31:0] register enables the
FREHF and REHF interrupts, respectively. If enabled, the IRQ0
pin is set low and the status bit is set to 1 whenever one of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com